công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

XHS35F-100-R1-SS-EPROGA bảng dữ liệu(PDF) 5 Page - Sensata Technologies, Inc.

tên linh kiện XHS35F-100-R1-SS-EPROGA
Giải thích chi tiết về linh kiện  3,5” BLIND - HOLLOW SHAFT INCREMENTAL ENCODERS - ORDINARY & HAZARDOUS LOCATIONS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SENSATA [Sensata Technologies, Inc.]
Trang chủ  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

XHS35F-100-R1-SS-EPROGA bảng dữ liệu(HTML) 5 Page - Sensata Technologies, Inc.

  XHS35F-100-R1-SS-EPROGA Datasheet HTML 1Page - Sensata Technologies, Inc. XHS35F-100-R1-SS-EPROGA Datasheet HTML 2Page - Sensata Technologies, Inc. XHS35F-100-R1-SS-EPROGA Datasheet HTML 3Page - Sensata Technologies, Inc. XHS35F-100-R1-SS-EPROGA Datasheet HTML 4Page - Sensata Technologies, Inc. XHS35F-100-R1-SS-EPROGA Datasheet HTML 5Page - Sensata Technologies, Inc. XHS35F-100-R1-SS-EPROGA Datasheet HTML 6Page - Sensata Technologies, Inc. XHS35F-100-R1-SS-EPROGA Datasheet HTML 7Page - Sensata Technologies, Inc. XHS35F-100-R1-SS-EPROGA Datasheet HTML 8Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Page 5
Copyright © 2024 Sensata Technologies, Inc.
www.sensata.com
RESOLUTIONS
Standard resolutions:
1000, 1024, 1800, 2000, 2048, 2500, 3600, 4000, 4096, 5000, 7200, 10000
Low resolutions (1): (not found in the Standard resolutions range):
Any resolution within the 1-2500ppr range.
High resolutions: (not found in the Standard resolutions range)
All multipliers of 1000, 1024, 1800, 2500 from 1 to 200.
Programmable resolutions (1) (28/X electronics):
• Full programmable (XPROG): from 1 to 10kppr with direction and alternate index tracks configuration
• Multiplier programmable (1000, 1024, 1800, 2500 native): Programmability of the native resolution multiplier from 1 to 200 with direction and all index tracks
configurations possibilities
All those versions can be configured with one of the following programming tool P/N (ordered separately):
EAP-004 (for encoder with ‘’SM18‘’ connection)
Programming procedure available in Instruction Manual.
(1)
Signal tolerances available in Instructions Manual
(2)
Signals are shown for CW rotation when viewed from the face side of the encoder
(3)
Non-standard index widths and multiple indices are available by special order. Consult factory.
(4)
With dual output option, both AB signals are not synchronized, and Index signals locations are displaced around 180° (mechanical)
Channel Synchronization(4)
Index track gating possibilities(2)(3)
XPROG (Full Programmable Version)
1 Cycle = 360°
Directions Possibilities(2)
or
STANDARD CONNECTIONS
0V
+V
A
B
Z
A/
B/
Z/
Case
Ground
Shield
Drain
M18
M18
Connector
10 Pins
F
D
A
B
C
H
I
J
G
__
M12
M12
Connector
10 Pins
F
D
A
B
C
H
J
K
G
__
M16 - ABZ
M16
Connector
7 Pins
F
D
A
B
C
__
__
__
G
__
M16 - ABC
F
D
A
B
__
C
E
__
G
__
CABLE - ABZ
PVC Cable
9 Wires
BK (Black)
RD (Red)
YE
(Yellow)
BU (Blue)
OG
(Orange)
__
__
__
GR (Green)
WH
(White)
CABLE - ABC
BK (Black)
RD (Red)
YE
(Yellow)
BU (Blue)
_
WH/YE
(White/
Yellow)
WH/BU
(White/
Blue)
_
GR (Green)
WH
(White)
CABLE - ABZC
BK (Black)
RD (Red)
YE
(Yellow)
BU (Blue)
OG
(Orange)
WH/YE
(White/
Yellow)
WH/BU
(White/
Blue)
WH/OR
(White/
Orange)
GR (Green)
WH
(White)



Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com