| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LTC1727 bảng dữ liệu(PDF) 3 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LTC1727 bảng dữ liệu(HTML) 3 Page - Linear Technology |
|
3 / 16 page ![]() LTC2917/LTC2918 3 29178f ORDER INFORMATION LEAD FREE FINISH TAPE AND REEL PART MARKING* PACKAGE DESCRIPTION TEMPERATURE RANGE LTC2917CMS-B1#PBF LTC2917CMS-B1#TRPBF LTCQP 10-Lead Plastic MSOP 0°C to 70°C LTC2917IMS-B1#PBF LTC2917IMS-B1#TRPBF LTCQP 10-Lead Plastic MSOP –40°C to 85°C LTC2917HMS-B1#PBF LTC2917HMS-B1#TRPBF LTCQP 10-Lead Plastic MSOP –40°C to 125°C LTC2917CMS-A1#PBF LTC2917CMS-A1#TRPBF LTDGD 10-Lead Plastic MSOP 0°C to 70°C LTC2917IMS-A1#PBF LTC2917IMS-A1#TRPBF LTDGD 10-Lead Plastic MSOP –40°C to 85°C LTC2917HMS-A1#PBF LTC2917HMS-A1#TRPBF LTDGD 10-Lead Plastic MSOP –40°C to 125°C LTC2918CMS-B1#PBF LTC2918CMS-B1#TRPBF LTDCT 10-Lead Plastic MSOP 0°C to 70°C LTC2918IMS-B1#PBF LTC2918IMS-B1#TRPBF LTDCT 10-Lead Plastic MSOP –40°C to 85°C LTC2918HMS-B1#PBF LTC2918HMS-B1#TRPBF LTDCT 10-Lead Plastic MSOP –40°C to 125°C LTC2918CMS-A1#PBF LTC2918CMS-A1#TRPBF LTDGG 10-Lead Plastic MSOP 0°C to 70°C LTC2918IMS-A1#PBF LTC2918IMS-A1#TRPBF LTDGG 10-Lead Plastic MSOP –40°C to 85°C LTC2918HMS-A1#PBF LTC2918HMS-A1#TRPBF LTDGG 10-Lead Plastic MSOP –40°C to 125°C TAPE AND REEL (MINI) TAPE AND REEL PART MARKING* PACKAGE DESCRIPTION TEMPERATURE RANGE LTC2917CDDB-B1#TRMPBF LTC2917CDDB-B1#TRPBF LCQR 10-Lead (3mm × 2mm) Plastic DFN 0°C to 70°C LTC2917IDDB-B1#TRMPBF LTC2917IDDB-B1#TRPBF LCQR 10-Lead (3mm × 2mm) Plastic DFN –40°C to 85°C LTC2917HDDB-B1#TRMPBF LTC2917HDDB-B1#TRPBF LCQR 10-Lead (3mm × 2mm) Plastic DFN –40°C to 125°C LTC2917CDDB-A1#TRMPBF LTC2917CDDB-A1#TRPBF LDGF 10-Lead (3mm × 2mm) Plastic DFN 0°C to 70°C LTC2917IDDB-A1#TRMPBF LTC2917IDDB-A1#TRPBF LDGF 10-Lead (3mm × 2mm) Plastic DFN –40°C to 85°C LTC2917HDDB-A1#TRMPBF LTC2917HDDB-A1#TRPBF LDGF 10-Lead (3mm × 2mm) Plastic DFN –40°C to 125°C LTC2918CDDB-B1#TRMPBF LTC2918CDDB-B1#TRPBF LDCV 10-Lead (3mm × 2mm) Plastic DFN 0°C to 70°C LTC2918IDDB-B1#TRMPBF LTC2918IDDB-B1#TRPBF LDCV 10-Lead (3mm × 2mm) Plastic DFN –40°C to 85°C LTC2918HDDB-B1#TRMPBF LTC2918HDDB-B1#TRPBF LDCV 10-Lead (3mm × 2mm) Plastic DFN –40°C to 125°C LTC2918CDDB-A1#TRMPBF LTC2918CDDB-A1#TRPBF LDGH 10-Lead (3mm × 2mm) Plastic DFN 0°C to 70°C LTC2918IDDB-A1#TRMPBF LTC2918IDDB-A1#TRPBF LDGH 10-Lead (3mm × 2mm) Plastic DFN –40°C to 85°C LTC2918HDDB-A1#TRMPBF LTC2918HDDB-A1#TRPBF LDGH 10-Lead (3mm × 2mm) Plastic DFN –40°C to 125°C TRM = 500 pieces. *Temperature grades are identified by a label on the shipping container. Consult LTC Marketing for information on non-standard lead based finish parts. For more information on lead free part marking, go to: http://www.linear.com/leadfree/ For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/ |