| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UPD6P8 bảng dữ liệu(PDF) 51 Page - NEC |
|
|
|||||||||||||||||||||||||||||
UPD6P8 bảng dữ liệu(HTML) 51 Page - NEC |
|
51 / 95 page ![]() 51 µPD6P8, 6P8A, 6P8B Data Sheet U17848EJ3V0DS OUT Pn, #data8 <1> Instruction code: 0 011011 P2 P1 P0 : 0d7 d6 d5 d4 0d3 d2 d1 d0 <2> Cycle count: 1 <3> Function: (Pn) ← data8 n = 0, 1, 3, 4 The immediate data is transferred to port Pn. In this case, port Pn refers to P1n to P0n operating in pairs. 10.6 Data Transfer Instructions MOV A, R0n MOV A, R1n <1> Instruction code: 1 111 R4 0R3 R2 R1 R0 <2> Cycle count: 1 <3> Function: (A) ← (Rmn) m = 0, 1 n = 0 to F CY ← 0 The register Rmn contents are transferred to the accumulator. MOV A, @R0H <1> Instruction code: 1 11101000 0 <2> Cycle count: 1 <3> Function: (A) ← ((P13), (R0))7-4 CY ← 0 The higher 4 bits (b7 b6 b5 b4) of the program memory specified by control register P13 and register pair R10-R00 are transferred to the accumulator. b9 is ignored. MOV A, @R0L <1> Instruction code: 1 11111000 0 <2> Cycle count: 1 <3> Function: (A) ← ((P13), (R0))3-0 CY ← 0 The lower 4 bits (b3 b2 b1 b0) of the program memory specified by control register P13 and register pair R10 to R00 are transferred to the accumulator. b8 is ignored. • Program memory (ROM) contents b9 b8 b7 b6 b5 b4 b3 b2 b1 b0 @R0 H@R0 L MOV A, #data4 <1> Instruction code: 1 11111000 1 : 0 00000 d3 d2 d1 d0 <2> Cycle count: 1 <3> Function: (A) ← data4 CY ← 0 The immediate data is transferred to the accumulator. |