| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UPD6P8 bảng dữ liệu(PDF) 41 Page - NEC |
|
|
|||||||||||||||||||||||||||||
UPD6P8 bảng dữ liệu(HTML) 41 Page - NEC |
|
41 / 95 page ![]() 41 µPD6P8, 6P8A, 6P8B Data Sheet U17848EJ3V0DS 10. INSTRUCTION SET 10.1 Machine Language Output by Assembler The bit length of the machine language of this product is 10 bits per word. However, the machine language that is output by the assembler is extended to 16 bits per word. As shown in the example below, the extension is made by inserting 3-bit extended bits (111) in two locations. Figure 10-1. Example of Assembler Output (10 Bits Extended to 16 Bits) <1> In the case of “ANL A, @R0H” 1 1 1010 1 0000 1010 1 0000 111 111 Extended bits Extended bits = FAF0 <2> In the case of “OUT P0, #data8” 0 0 0110 1 1000 0110 1 1000 111 111 Extended bits Extended bits = E6F8 |