| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CD54HC08 bảng dữ liệu(PDF) 8 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
CD54HC08 bảng dữ liệu(HTML) 8 Page - Texas Instruments |
|
8 / 21 page ![]() GND Logic Input Output VCC Device -IIK +IIK +IOK -IOK 8 CD74HC08-Q1 SCLS512B – JULY 2003 – REVISED APRIL 2020 www.ti.com Product Folder Links: CD74HC08-Q1 Submit Documentation Feedback Copyright © 2003–2020, Texas Instruments Incorporated Feature Description (continued) 8.3.3 Clamp Diode Structure The inputs and outputs to this device have both positive and negative clamping diodes as depicted in Figure 6. CAUTION Voltages beyond the values specified in the Absolute Maximum Ratings table can cause damage to the device. The recommended input and output voltage ratings may be exceeded if the input and output clamp-current ratings are observed. Figure 6. Electrical Placement of Clamping Diodes for Each Input and Output 8.4 Device Functional Modes Table 1. Function Table INPUTS OUTPUT A B Y H H H L X L X L L |