công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DIVIDE-BY bảng dữ liệu(PDF) 1 Page - Sensata Technologies, Inc.

tên linh kiện DIVIDE-BY
Giải thích chi tiết về linh kiện  ELECTRONIC MODULES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SENSATA [Sensata Technologies, Inc.]
Trang chủ  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

DIVIDE-BY bảng dữ liệu(HTML) 1 Page - Sensata Technologies, Inc.

  DIVIDE-BY Datasheet HTML 1Page - Sensata Technologies, Inc. DIVIDE-BY Datasheet HTML 2Page - Sensata Technologies, Inc. DIVIDE-BY Datasheet HTML 3Page - Sensata Technologies, Inc. DIVIDE-BY Datasheet HTML 4Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Page 1
www.sensata.com
Copyright © 2019 Sensata Technologies, Inc.
| DIVIDE-BY
ELECTRONIC MODULES
SPECIFICATIONS
The Divide-By Module option provides a method to divide the effective
resolution and signal frequency of a quadrature output incremental
encoder. The Divide By option is available with the BEI Optical Isolator
and Broadcaster. The module receives quadrature counts from an incre-
mental encoder and divides them by a predetermined integer value. The
index signal is passed through without modification. When combined
with the Optical Isolator a single encoder can be used to feed different
control devices, synchronizing their outputs at different ratios. This can
lower parts count and reduce overall system costs.
This module accepts single ended or differential inputs and divides the
signal by a factory set number from 2 to 256. The resulting output signal
is a reduced resolution of the input signal. Ideal for use in machine
retrofitting and for applications where a different resolution output is
needed from the same encoder source. When ordering, make sure to
specify the divide-by amount in the model number (see ordering options
below).
Power:
The divide by module can accommodate standard operating voltages
from 5 to 28 VDC. It should never be connected directly to AC power
mains. The module draws approximately 75 mA and a green LED indi-
cates the unit is powered. The divide by module does not provide power
to the encoder. Any encoders used in conjunction with this module must
be connected to their own power.
Signal:
Specifying a divide by module requires knowledge of three system
parameters: the DC supply voltage available in the system; the encoder
output type (logic levels and driver type); and the input signal specifica-
tions of the receiving electronics.
Output Code Format From Encoders
Dual Channel in quadrature plus index and complements. Data lines are
designated A, B, Z, A/, B/, Z/ at the module
Output Signal Type From Encoder
Differential line driver (Use Connection Instructions #1)
Single ended line driver (Use Connection Instructions #2)
Single ended open collector with pull-up resistors internal to encoder
(Use Connection Instructions #3)
Single ended, open collector (Use Connection Instructions #3)
Output Signal Voltage Level From Encoder
5 VDC (TTL, RS422 compatible, line driver)
12-15 VDC
24VDC
Frequency Response of Optical Isolator
1 MHz, maximum
Power Requirements For Optical Isolator
5-28 VDC ±5%, 75mA plus load current
Optical Isolator Output Options
28V/V Line Driver, 100mA source/sink, Vout = Vin
28V/5 Line Driver, 100mA source/sink, Vout = 5V (Derate output current
to 50mA with supply voltage > 12VDC)
28V/OC NPN Open Collector, 80mA sink
Protection Level
Supply lines protected against over voltage to 60 volts and reverse
voltage
Tristate Outputs
Available as –S Special Feature
Introduction


Số phần tương tự - DIVIDE-BY

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
TT Electronics.
DIV23 TTELEC-DIV23 Datasheet
510Kb / 3P
Superior alternative to matched sets
DIV23 TTELEC-DIV23_17 Datasheet
546Kb / 3P
SOT23 Surface Mount Voltage Divider
logo
PCTEL, Inc.
DIV2458PTRAMMCX PCTEL-DIV2458PTRAMMCX Datasheet
137Kb / 1P
M2M Indoor/Outdoor Wi-Fi MIMO Antenna
More results

Mô tả tương tự - DIVIDE-BY

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sony Corporation
CXA1211M SONY-CXA1211M Datasheet
121Kb / 10P
Electronic Volume
CXA1946CR SONY-CXA1946CR Datasheet
419Kb / 23P
Electronic Volume
logo
Gilway Technical Lamp
GTL-OS-51517 GILWAY-GTL-OS-51517 Datasheet
303Kb / 2P
Electronic LED RGB Control Modules OPTOTRONIC OT RGB
logo
Silan Microelectronics ...
SC9235 SILAN-SC9235 Datasheet
139Kb / 9P
ELECTRONIC VOLUME
logo
ON Semiconductor
NIS5112 ONSEMI-NIS5112 Datasheet
96Kb / 9P
Electronic Fuse
November, 2006 ??Rev. 4
logo
Baumer IVO GmbH & Co. K...
ISI36 IVO-ISI36 Datasheet
570Kb / 4P
Tachometer electronic
N214 IVO-N214 Datasheet
456Kb / 2P
Totalizers electronic
logo
EPCOS
B25655M9108K EPCOS-B25655M9108K Datasheet
496Kb / 5P
Film capacitors - Power electronic capacitors PCC series for IGBT modules
logo
List of Unclassifed Man...
CH-8BK ETC2-CH-8BK Datasheet
256Kb / 3P
ELECTRONIC ENCLOSURES
BX-5-ICV-ICV-P25-P25 ETC2-BX-5-ICV-ICV-P25-P25 Datasheet
207Kb / 4P
BEI ELECTRONIC MODULES Encoder Signal Broadcaster
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com