| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CS280 bảng dữ liệu(PDF) 9 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
CS280 bảng dữ liệu(HTML) 9 Page - Advanced Micro Devices |
|
9 / 14 page ![]() XC95288XL High Performance CPLD DS055 (v2.1 April 3, 2007 www.xilinx.com 9 Product Specification 1-800-255-7778 R 9 1 – ––– – 429 11 1 – – – – – 321 9 2 50 74 Y11 R8 U9 426 11 2 – 87 Y15 P10 W13 318 9 3 51 75 W11 P8 T9 423 11 3 60 88 V14 T12 V13 315 9 4 – ––– – 420 11 4 – – – – – 312 9 5 52 76 V11 T8 W10 417 11 5 61 89 W15 N10 U13 309 9 6 53 77 U11 M8 V10 414 11 6 – 90 Y16 T13 T13 306 9 7 – – – – – 411 11 7 – – – – – 303 9 8 54 78 Y12 T9 U10 408 11 8 – 91 U14 M11 W14 300 9 9 – – W12 P9 W11 405 11 9 – – Y17 N11 T14 297 9 10 – 80 V12 R9 V11 402 11 10 64 95 V16 T14 W15 294 9 11 56 82 U12 M9 U11 399 11 11 66 97 Y18 R12 V15 291 9 12 57 83 Y13 T10 T11 396 11 12 68 99 V17 T15 W16 288 9 13 – – – – – 393 11 13 – – – – – 285 9 14 58 84 W13 M10 W12 390 11 14 69 100 Y19 R14 U16 282 9 15 – 85 V13 R10 V12 387 11 15 – 101 V18 N13 W17 279 9 16 – – – – – 384 11 16 – – – – – 276 9 17 59 86 W14 T11 T12 381 11 17 70 102 W19 R13 W18 273 9 18 – – – – – 378 11 18 – – – – – 270 10 1 – – – – – 375 12 1 – – – – – 267 10 2 117 170 A14 B11 C14 372 12 2 110 158 B18 B13 B19 264 10 3 118 171 C13 D11 B14 369 12 3 111 159 C17 B14 B18 261 10 4 – – – – – 366 12 4 – – – – – 258 10 5 119 173 B13 A11 A14 363 12 5 112 160 D16 C13 B17 255 10 6 120 174 A13 D10 C13 360 12 6 – 161 A18 A15 A18 252 10 7 – – – – – 357 12 7 – – – – – 249 10 8 121 175 D12 B10 B13 354 12 8 113 162 A17 C12 A17 246 10 9 – – C12 E12 A13 351 12 9 – – C16 B12 D16 243 10 10 124 178 A12 F12 A12 348 12 10 115 164 A16 D13 C16 240 10 11 125 179 B11 B9 C12 345 12 11 – 165 C15 A14 B16 237 10 12 126 180 C11 C9 B12 342 12 12 116 166 D14 E13 A16 234 10 13 – – – – – 339 12 13 – – – – – 231 10 14 128 182 B10 A9 B11 336 12 14 – 167 B15 A13 C15 228 10 15 – 183 C10 D9 C11 333 12 15 – 168 A15 C11 B15 225 10 16 – – – – – 330 12 16 – – – – – 222 10 17 129 185 D10 E10 A10 327 12 17 – 169 C14 A12 D15 219 10 18 – – – – – 324 12 18 – – – – – 216 Notes: 1. Global control pin. 2. The pin-outs are the same for Pb-free versions of packages. XC95288XL I/O Pins (Continued)(2) Func- tion Block Macro cell TQ144 PQ208 BG256 FG256 CS280 BScan Order Func- tion Block Macro cell TQ144 PQ208 BG256 FG256 CS280 BScan Order |