| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CS280 bảng dữ liệu(PDF) 7 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
CS280 bảng dữ liệu(HTML) 7 Page - Advanced Micro Devices |
|
7 / 14 page ![]() XC95288XL High Performance CPLD DS055 (v2.1 April 3, 2007 www.xilinx.com 7 Product Specification 1-800-255-7778 R XC95288XL I/O Pins (2) Func- tion Block Macro cell TQ144 PQ208 BG256 FG256 CS280 BScan Order Func- tion Block Macro cell TQ144 PQ208 BG256 FG256 CS280 BScan Order 1 1 – ––– – 861 3 1 – – – – – 753 1 2 – 28 L1 H1 K2 858 3 2 28 38 P1 L2 N2 750 1 3 – 29 L2 H5 K3 855 3 3 – 39R1L5 P1 747 1 4 – ––– – 852 3 4 – – – – – 744 1 5 20 30 L3 J1 K4 849 3 5 – 40 P3 M1 P2 741 1 6 21 31 L4 J5 L1 846 3 6 – 41 R2 L4 P3 738 1 7 – ––– – 843 3 7 – – – – – 735 1 8 22 32 M1 J2 L2 840 3 8 – 43 P4 N1 P4 732 1 9 – – M2 J3 L3 837 3 9 – – R3 L3 R1 729 110 23 33 M3 K1 L4 834 3 10 30(1) 44(1) T2(1) M2(1) R3(1) 726 1 11 – – M4 J4 M1 831 3 11 – – U1 M4 R2 723 1 12 24 34 N1 K2 M2 828 3 12 31 45 T3 P1 R4 720 1 13 – ––– – 825 3 13 – – – – – 717 114 25 35 N2 K5 M3 822 3 14 32(1) 46(1) U2(1) M3(1) T1(1) 714 1 15 26 36N3L1 M4 819 3 15 33 47 V1 N2 T2 711 1 16 – ––– – 816 3 16 – – – – – 708 1 17 27 37 N4 K3 N1 813 3 17 – 48 T4 N4 T3 705 1 18 – ––– – 810 3 18 – – – – – 702 2 1 – ––– – 807 4 1 – – – – – 699 2 2 9 15 G2D1G3 804 4 2 2(1) 3(1) C2(1) D3(1) C2(1) 696 2 3 10 16 G1 G4 G2 801 4 3 – 4 D2 D2 B1 693 2 4 – ––– – 798 4 4 – – – – – 690 2 5 11 17 H4 E1 G1 795 4 5 3(1) 5(1) D3(1) E3(1) C1(1) 687 2 6 12 18 H3 G3 G4 792 4 6 4 6 E4 C2 D4 684 2 7 – ––– – 789 4 7 – – – – – 681 2 8 13 19 H2 G2 H1 786 4 8 5(1) 7(1) C1(1) D4(1) D3(1) 678 2 9 – – H1 F5 H3 783 4 9 – – D1 B1 D2 675 2 10 14 20 J4 F1 H2 780 4 10 – 8 E3 E4 D1 672 2 11 – – J3 G5 H4777 4 11 – – E2 C1 E3669 212 15 21 J2 H2 J1 774 4 12 6(1) 9(1) E1(1) E5(1) E2(1) 666 2 13 – ––– – 771 4 13 – – – – – 663 2 14 16 22 J1 H4 J2 768 4 14 7 10 F3 E2 E4 660 2 15 17 23 K2 G1 J3 765 4 15 – 12 F2 F2 F3 657 2 16 – ––– – 762 4 16 – – – – – 654 2 17 19 25 K1 H3 J4 759 4 17 – 14 G3 E6 F4 651 2 18 – ––– – 756 4 18 – – – – – 648 Notes: 1. Global control pin. 2. The pin-outs are the same for Pb-free versions of packages. |