công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

N10SP080 bảng dữ liệu(PDF) 2 Page - YAGEO Corporation

tên linh kiện N10SP080
Giải thích chi tiết về linh kiện  NTC Thermistor SP
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  YAGEO [YAGEO Corporation]
Trang chủ  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

N10SP080 bảng dữ liệu(HTML) 2 Page - YAGEO Corporation

  N10SP080 Datasheet HTML 1Page - YAGEO Corporation N10SP080 Datasheet HTML 2Page - YAGEO Corporation N10SP080 Datasheet HTML 3Page - YAGEO Corporation N10SP080 Datasheet HTML 4Page - YAGEO Corporation N10SP080 Datasheet HTML 5Page - YAGEO Corporation N10SP080 Datasheet HTML 6Page - YAGEO Corporation N10SP080 Datasheet HTML 7Page - YAGEO Corporation N10SP080 Datasheet HTML 8Page - YAGEO Corporation N10SP080 Datasheet HTML 9Page - YAGEO Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Nov.
27,
2023
Product Specification
SP series
NTC Inrush Current Limiter
Circuit Protection
www.yageo.com
Nov. 27, 2023 V.0
NTC Thermistor SP series Data Sheet
Features
■
Effectively restrain surge.
■
Low power loss under the stable state.
■
Over-current wide control range and fast response.
■
Thermal and electrical characteristics with high stability.
■
Wide range of electrical specifications.
■
RoHS& Halogen Free (HF) compliant.
■
Safety certification-UL / TUV
Applications
■
Monitor, Sps, Fax, Telecom, Adaptor etc.
■
Power supply, Communications equipment etc.
Part Number Code
N
08
SP
005
M
—
F
TR
NTC
Nominal
Diameter
Series
Code
R25
(Nominal Resistance
at 25℃ )
Tolerance
of
R25
Forming
Type
(Kink)
Packing
Negative
Temperature
Coefficient
08:8mm,
10:10mm,
13:13mm,
15:15mm,
20:20mm,
25:25mm
Surge
Protection
0R7:0.7Ω ,
1R3:1.3Ω,
2R5:2.5 Ω,
001~008:1~8Ω,
010~080:10~80Ω,
120:120Ω
L:±15%,
M:±20%
No suffix:Straight leads
O:Outside crimped leads
F:Y Kinked leads
No suffix:Bulk,
TB:Tape & Box,
TR:Tape & Reel
Marking
XXSPXXX
XX
①
②
④
① Brightking Logo
② Disk Size
④ Zero Power Resistance at 25℃
⑤ Internal control code
XX
③
③ SP SERIES
⑤



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com