công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

74ACT11244DBR bảng dữ liệu(PDF) 1 Page - Texas Instruments

tên linh kiện 74ACT11244DBR
Giải thích chi tiết về linh kiện  OCTAL BUFFER/LINE DRIVER WITH 3-STATE OUTPUTS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

74ACT11244DBR bảng dữ liệu(HTML) 1 Page - Texas Instruments

  74ACT11244DBR Datasheet HTML 1Page - Texas Instruments 74ACT11244DBR Datasheet HTML 2Page - Texas Instruments 74ACT11244DBR Datasheet HTML 3Page - Texas Instruments 74ACT11244DBR Datasheet HTML 4Page - Texas Instruments 74ACT11244DBR Datasheet HTML 5Page - Texas Instruments 74ACT11244DBR Datasheet HTML 6Page - Texas Instruments 74ACT11244DBR Datasheet HTML 7Page - Texas Instruments 74ACT11244DBR Datasheet HTML 8Page - Texas Instruments 74ACT11244DBR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
74ACT11244
OCTAL BUFFER/LINE DRIVER
WITH 3-STATE OUTPUTS
SCAS006C − AUGUST 1987 − REVISED APRIL 1996
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D 3-State Outputs Drive Bus Lines or Buffer
Memory Address Registers
D Inputs Are TTL-Voltage Compatible
D Flow-Through Architecture Optimizes
PCB Layout
D Center-Pin V
CC and GND Configurations to
Minimize High-Speed Switching Noise
D EPICt (Enhanced-Performance Implanted
CMOS) 1-
mm Process
D 500-mA Typical Latch-Up Immunity at
125
°C
D Package Options Include Plastic
Small-Outline (DW), Shrink Small-Outline
(DB), and Thin Shrink Small-Outline (PW)
Packages, and Standard Plastic 300-mil
DIPs (NT)
description
ThIs octal buffer or line driver is designed specifically to improve both the performance and density of 3-state
memory address drivers, clock drivers, and bus-oriented receivers and transmitters. Together with the
’ACT11240, this device provides the choice of various combinations of inverting and noninverting outputs.
The 74ACT11244 is characterized for operation from −40
°C to 85°C.
FUNCTION TABLE
OUTPUT
ENABLE
DATA
INPUT
OUTPUT
Y
1OE, 2OE
INPUT
A
Y
H
X
Z
L
L
L
L
H
H
logic symbol†
1OE
20
23
1A1
22
1A2
21
1A3
20
1A4
EN
24
1Y1
1
1Y2
2
1Y3
3
1Y4
4
2OE
17
2A1
16
2A2
15
2A3
14
2A4
EN
13
2Y1
9
2Y2
10
2Y3
11
2Y4
12
† This symbol is in accordance with ANSI/IEEE Std 91-1984 and IEC Publication 617-12.
Copyright
© 1996, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
EPIC is a trademark of Texas Instruments Incorporated.
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
1Y1
1Y2
1Y3
1Y4
GND
GND
GND
GND
2Y1
2Y2
2Y3
2Y4
1OE
1A1
1A2
1A3
1A4
VCC
VCC
2A1
2A2
2A3
2A4
2OE
DB, DW, NT, OR PW PACKAGE
(TOP VIEW)


Số phần tương tự - 74ACT11244DBR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
74ACT11244DBR TI-74ACT11244DBR Datasheet
625Kb / 14P
OCTAL BUFFER/LINE DRIVER WITH 3-STATE OUTPUTS
74ACT11244DBRE4 TI-74ACT11244DBRE4 Datasheet
625Kb / 14P
OCTAL BUFFER/LINE DRIVER WITH 3-STATE OUTPUTS
74ACT11244DBRG4 TI-74ACT11244DBRG4 Datasheet
625Kb / 14P
OCTAL BUFFER/LINE DRIVER WITH 3-STATE OUTPUTS
More results

Mô tả tương tự - 74ACT11244DBR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
SN54LS240 MOTOROLA-SN54LS240 Datasheet
191Kb / 6P
OCTAL BUFFER/LINE DRIVER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74ABT240 FAIRCHILD-74ABT240 Datasheet
105Kb / 8P
Octal Buffer/Line Driver with 3-STATE Outputs
74AC244 FAIRCHILD-74AC244 Datasheet
111Kb / 10P
Octal Buffer/Line Driver with 3-STATE Outputs
74VHC244 FAIRCHILD-74VHC244 Datasheet
84Kb / 8P
Octal Buffer/Line Driver with 3-STATE Outputs
logo
ON Semiconductor
MC74AC244 ONSEMI-MC74AC244 Datasheet
91Kb / 8P
Octal Buffer/Line Driver with 3-State Outputs
May, 2001 ??Rev. 5
logo
Fairchild Semiconductor
74AC540 FAIRCHILD-74AC540_05 Datasheet
97Kb / 7P
Octal Buffer/Line Driver with 3-STATE Outputs
logo
ON Semiconductor
MC74AC244 ONSEMI-MC74AC244_15 Datasheet
93Kb / 7P
Octal Buffer/Line Driver with 3-State Outputs
February, 2015 ??Rev. 8
MC74ACT241 ONSEMI-MC74ACT241_15 Datasheet
89Kb / 7P
Octal Buffer/Line Driver with 3-State Outputs
February, 2015 ??Rev. 6
74AC244 ONSEMI-74AC244 Datasheet
396Kb / 14P
Octal Buffer/Line Driver with 3-STATE Outputs
January 2008 Rev. 1.4.0
74VHC240 ONSEMI-74VHC240 Datasheet
263Kb / 11P
Octal Buffer/Line Driver with 3-STATE Outputs
April 2007 Rev. 1.3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com