công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

74ACT11244DBR bảng dữ liệu(PDF) 3 Page - Texas Instruments

tên linh kiện 74ACT11244DBR
Giải thích chi tiết về linh kiện  OCTAL BUFFER/LINE DRIVER WITH 3-STATE OUTPUTS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

74ACT11244DBR bảng dữ liệu(HTML) 3 Page - Texas Instruments

  74ACT11244DBR Datasheet HTML 1Page - Texas Instruments 74ACT11244DBR Datasheet HTML 2Page - Texas Instruments 74ACT11244DBR Datasheet HTML 3Page - Texas Instruments 74ACT11244DBR Datasheet HTML 4Page - Texas Instruments 74ACT11244DBR Datasheet HTML 5Page - Texas Instruments 74ACT11244DBR Datasheet HTML 6Page - Texas Instruments 74ACT11244DBR Datasheet HTML 7Page - Texas Instruments 74ACT11244DBR Datasheet HTML 8Page - Texas Instruments 74ACT11244DBR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
74ACT11244
OCTAL BUFFER/LINE DRIVER
WITH 3-STATE OUTPUTS
SCAS006C − AUGUST 1987 − REVISED APRIL 1996
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
V
TA = 25°C
MIN
MAX
UNIT
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
MIN
MAX
UNIT
I
50 A
4.5 V
4.4
4.4
IOH = −50 mA
5.5 V
5.4
5.4
VOH
I
24 mA
4.5 V
3.94
3.8
V
VOH
IOH = −24 mA
5.5 V
4.94
4.8
V
IOH = −75 mA{
5.5 V
3.85
I
50 A
4.5 V
0.1
0.1
IOL = 50 mA
5.5 V
0.1
0.1
VOL
I
24 mA
4.5 V
0.36
0.44
V
VOL
IOL = 24 mA
5.5 V
0.36
0.44
V
IOL = 75 mA{
5.5 V
1.65
IOZ
VO = VCC or GND
5.5 V
±0.5
±5
mA
II
VI = VCC or GND
5.5 V
±0.1
±1
mA
ICC
VI = VCC or GND,
IO = 0
5.5 V
8
80
mA
DICC}
One input at 3.4 V,
Other inputs at GND or VCC
5.5 V
0.9
1
mA
Ci
VI = VCC or GND
5 V
4
pF
Co
VO = VCC or GND
5 V
10
pF
† Not more than one output should be tested at a time, and the duration of the test should not exceed 10 ms.
‡ This is the increase in supply current for each input that is at one of the specified TTL voltage levels rather than 0 V or VCC.
switching characteristics over recommended operating free-air temperature range,
VCC = 5 V ± 0.5 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
TA = 25°C
MIN
MAX
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
UNIT
tPLH
A
Y
1.5
6
8.9
1.5
9.9
ns
tPHL
A
Y
1.5
5.4
8.6
1.5
9.2
ns
tPZH
OE
Y
1.5
6.6
11.3
1.5
12.5
ns
tPZL
OE
Y
1.5
6.7
10.5
1.5
11.4
ns
tPHZ
OE
Y
1.5
7.4
9.8
1.5
10.4
ns
tPLZ
OE
Y
1.5
7.8
10.6
1.5
11.2
ns
operating characteristics, VCC = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
C
Power dissipation capacitance per buffer
Outputs enabled
C
50 pF
f
1 MHz
27
pF
Cpd
Power dissipation capacitance per buffer
Outputs disabled
CL = 50 pF,
f = 1 MHz
9
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com