công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ECWFD2W155JC bảng dữ liệu(PDF) 16 Page - Panasonic Semiconductor

tên linh kiện ECWFD2W155JC
Giải thích chi tiết về linh kiện  Plastic Film Capacitors
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PANASONIC [Panasonic Semiconductor]
Trang chủ  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECWFD2W155JC bảng dữ liệu(HTML) 16 Page - Panasonic Semiconductor

Back Button ECWFD2W155JC Datasheet HTML 11Page - Panasonic Semiconductor ECWFD2W155JC Datasheet HTML 12Page - Panasonic Semiconductor ECWFD2W155JC Datasheet HTML 13Page - Panasonic Semiconductor ECWFD2W155JC Datasheet HTML 14Page - Panasonic Semiconductor ECWFD2W155JC Datasheet HTML 15Page - Panasonic Semiconductor ECWFD2W155JC Datasheet HTML 16Page - Panasonic Semiconductor ECWFD2W155JC Datasheet HTML 17Page - Panasonic Semiconductor ECWFD2W155JC Datasheet HTML 18Page - Panasonic Semiconductor ECWFD2W155JC Datasheet HTML 19Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
Matters to Be Observed When Using This Product
■ Reflow soldering is a soldering method in which the proper amount of solder paste is deposited on the fitting land of
the surface-mounted board, the chip-type laminated film capacitor is placed on the land, and heat is applied to the
capacitor to melt the solder. We recommend the temperature profile shown in the following table for the reflow soldering
process. Note, however, that more than two reflow soldering cycles are not allowed and that the second reflow cycle
must be carried out after the capacitor temperature returns to normal temperature following the end of the first reflow
cycle.
■ Because the chip-type laminated film capacitor is not protected with an outer casing, an activator (halogen, etc.) in
solder paste may corrode the inner deposit electrode, which leads to the degradation of the capacitor characteristics,
such as a drop in the capacitance and an increase in the loss tangent (tanδ). Use solder paste with halogen content
of 0.1 wt%.
■ When cleaning the capacitor right after soldering it, make sure that its surface temperature is 60 ℃ or lower.
■ Maximum surface temperatures capacitors reach during the reflow process are as follows: 260 ℃ at ECHU(X)/(C),
250 ℃ at ECWU(X)/(C), and 240 ℃ at ECPU(A).
A surface temperature higher than these temperatures causes a capacitor problems with its appearance and electrical
characteristics, in which case the reliability of the capacitor cannot be guaranteed.
■ ECWU(X)/(C) and ECPU(A) are put in moisture proofing packages. Once the package is unsealed, the capacitor
absorbs moisture and its resistance to soldering heat drops. Check the note on the package that gives you the
instructions you should follow after unsealing the package. Specific instructions to follow after unsealing the package
are stated in the delivery specification sheet.
■ When using a solder iron, sufficiently preheat the board land with the iron tip and then carry out soldering work.
Do not put the iron tip directly on the body or electrode of a chip-type laminated film capacitor. Particularly, do not
bring the iron tip into contact with a side face (sectional surface) of the capacitor.
A hot solder iron coming in contact with such parts may cause the degradation of the capacitor characteristics,
such as lower insulation resistance and short circuit.
■ Avoid mounting a number of chip-type laminated film capacitors on a board using a solder iron. This process makes
temperature control difficult and may lead to the degradation of the capacitor characteristics. Avoid reusing a capacitor
(component) once removed with a solder iron.
Soldering condition
The capacitor temperature varies
depending on the type of the board material
and the heat source. Use a glass epoxy
board of 115 mm by 50 mm and 0.8 t as
the standard board to check the capacitor
temperature.
Mater to note
Soldering
Item
23-Apr-25
Solder iron wattage: 30 W
280
℃ max.-4s max.
ECPU(A)
260
℃ max.-4s max.
ECWU(X)/(C)
270
℃ max.-4s max.
ECHU(X)/(C)
<Reflow soldering>
The capacitor and the board
are heated in a heat-resistant
furnace or an infrared
furnace.
Soldering time (s)
280
270
260
250
240
1
2
0
3
4
5
Soldering time (s)
280
270
260
250
240
1
2
0
3
4
5
Soldering time (s)
280
270
260
250
240
1
2
0
3
4
5
: Specification range
: Specification range
: Specification range
Soldering: 235
°C, 5 sec. at
maximum
≥220
°C, 30 sec. at maximum
Preheating
150
°C to 180°C
60 sec. to 120
Time (s)
300
250
200
150
100
50
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com