công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ECWFD2W155JC bảng dữ liệu(PDF) 13 Page - Panasonic Semiconductor

tên linh kiện ECWFD2W155JC
Giải thích chi tiết về linh kiện  Plastic Film Capacitors
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PANASONIC [Panasonic Semiconductor]
Trang chủ  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECWFD2W155JC bảng dữ liệu(HTML) 13 Page - Panasonic Semiconductor

Back Button ECWFD2W155JC Datasheet HTML 9Page - Panasonic Semiconductor ECWFD2W155JC Datasheet HTML 10Page - Panasonic Semiconductor ECWFD2W155JC Datasheet HTML 11Page - Panasonic Semiconductor ECWFD2W155JC Datasheet HTML 12Page - Panasonic Semiconductor ECWFD2W155JC Datasheet HTML 13Page - Panasonic Semiconductor ECWFD2W155JC Datasheet HTML 14Page - Panasonic Semiconductor ECWFD2W155JC Datasheet HTML 15Page - Panasonic Semiconductor ECWFD2W155JC Datasheet HTML 16Page - Panasonic Semiconductor ECWFD2W155JC Datasheet HTML 17Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
Matters to Be Observed When Using This Product
■ When a voltage V (V) is applied to a capacitor C (farad or F), a charge quantity Q (C) is given as Q = C・V.
At this time, a charge current I (A) flowing through the capacitor is given as I = dQ/dt. It follows, therefore, that a pulse
current I (A) is given as the product of a capacitance C (µF) and a voltage variation per time dV/dt, that is, I = C
・dV/dt.
<Allowable dV/dt value of ECQE(F) to which a pulse current is applied 10000 times or less>
From the above table, which indicates that the allowable dV/dt value of ECQE4224KF (rated voltage 400 V DC,
capacitance 0.22 µF) is 37, the allowable pulse current value of ECQE4224KF is calculated at 8 Ao-p.Ensure,
however, that the RMS current value is equal to or lower than the allowable RMS current value.
23-Apr-25
275 (2.7)
335 (3.3)
395 (3.9)
6
475 (4.7)
8
565 (5.6)
685 (6.8)
185 (1.8)
10
225 (2.2)
825 (8.2)
106 (10.0)
63
334 (0.33)
394 (0.39)
18
474 (0.47)
564 (0.56)
22
22
684 (0.68)
824 (0.82)
48
105
 (1.0)
125
 (1.2)
11
155
 (1.5)
18
683 (0.068)
823 (0.082)
104 (0.10
)
124 (0.12)
37
154 (0.15)
184 (0.18)
33
224 (0.22)
274 (0.27)
103 (0.010)
48
131
273
123 (0.012)
153 (0.015)
183 (0.018)
223 (0.022)
273 (0.027)
333 (0.033)
393 (0.039)
78
473 (0.047)
563 (0.056)
116
Capacitance
(μF)
Type
ECQE(F)
ECQE(F)
ECQE(F)
ECQE(F)
100 V DC
250 V DC
400 V DC
630 V DC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com