công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ISL71026MEVAL1Z bảng dữ liệu(PDF) 4 Page - Renesas Technology Corp

tên linh kiện ISL71026MEVAL1Z
Giải thích chi tiết về linh kiện  3.3V CAN Transceiver, 1Mbps, Listen Mode, Loopback
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL71026MEVAL1Z bảng dữ liệu(HTML) 4 Page - Renesas Technology Corp

  ISL71026MEVAL1Z Datasheet HTML 1Page - Renesas Technology Corp ISL71026MEVAL1Z Datasheet HTML 2Page - Renesas Technology Corp ISL71026MEVAL1Z Datasheet HTML 3Page - Renesas Technology Corp ISL71026MEVAL1Z Datasheet HTML 4Page - Renesas Technology Corp ISL71026MEVAL1Z Datasheet HTML 5Page - Renesas Technology Corp ISL71026MEVAL1Z Datasheet HTML 6Page - Renesas Technology Corp ISL71026MEVAL1Z Datasheet HTML 7Page - Renesas Technology Corp ISL71026MEVAL1Z Datasheet HTML 8Page - Renesas Technology Corp ISL71026MEVAL1Z Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
FN8915 Rev.2.01
Page 4
Feb 6, 2025
ISL71026M Datasheet
2.
Specifications
2.1
Absolute Maximum Ratings
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such
conditions may adversely impact product reliability and result in failures not covered by warranty.
2.2
Outgas Testing
2.3
Thermal Information
2.4
Operating Conditions
Parameter
Minimum
Maximum
Unit
VCC to GND
-0.3V
5.5
V
CANH, CANL, VREF
±20
V
I/O Voltages D, R, RS
-0.5
7
V
Receiver Output Current
-10
10
mA
Output Short-Circuit Duration
-
Continuous
Maximum Junction Temperature
-
+150
°C
Storage Temperature Range
-65
+150
°C
Human Body Model (Tested per JS-001-2014)
-
5
kV
Charged Device Model (Tested per JS-002-2014)
-
2
kV
Machine Model (Tested per JESD22-A115-C)
-
300
V
Latch-up (Tested per JESD-78E; Class 2, Level A) at +125°C
-
100
mA
Specification (Tested per ASTM E 595, 1.5)
Value
Unit
Total Mass Lost[1]
1. Results meet NASA low outgassing requirements of “Total Mass Lost” of <1% and Collected Volatile Condensible Material of <0.1%.
0.06
%
Collected Volatile Condensible Material[1]
<0.01
%
Water Vapor Recovered
0.03
%
Parameter
Package
Symbol
Conditions
Typical
Value
Unit
Thermal Resistance
14 Ld TSSOP Package
θJA[1]
1. θJA is measured with the component mounted on a high-effective thermal conductivity test board in free air. See TB379.
Junction to ambient
92
°C/W
θJC[2]
2. For θJC, the case temperature location is taken at the package top center.
Junction to case
30
°C/W
Parameter
Minimum
Maximum
Unit
Temperature Range
-55
+125
°C
VCC Supply Voltage
3.0
3.6
V
Voltage on CAN I/O
-7
12
V
VIH Logic Pins (D, LBK)
2
5.5
V
VIL Logic Pins (D, LBK)
0
0.8
V
IOH Driver (CANH - CANL = 1.5V, VCC = 3.3V)
-
-40
mA
IOH Receiver (VOH = 2.4V)
-
-4
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com