| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TC9256AFG bảng dữ liệu(PDF) 12 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TC9256AFG bảng dữ liệu(HTML) 12 Page - Toshiba Semiconductor |
|
12 / 34 page ![]() TC9256, 57APG/AFG 2006-07-14 12 General-Purpose Counter The general-purpose counter is a 20-bit counter. It has such uses as counting AM/FM band intermediate frequencies (IF) and detecting auto-stop signals during auto-search tuning. It also features a cycle measurement function for such uses as measuring low-frequency pilot signal cycles. The TC9256APG and TC9256AFG do not have the cycle measurement function (SCIN mode). General-purpose counter pins can also be used as I/O ports. 1. General-Purpose Counter Control Bits (1) Bits G0 and G1 ......................... Used for selecting the general-purpose counter gate time. (2) Bits SC, IF1 and IF2................. I/O port and general-purpose counter switching bits. The functions of the following pins are switched by data. Note 1: Pin names in parentheses “( )” apply to the TC9256APG and TC9256AFG. Note 2: Bits marked with “(*1)” cannot be set on the TC9256APG and TC9256AFG. |