| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TC9256AFG bảng dữ liệu(PDF) 11 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TC9256AFG bảng dữ liệu(HTML) 11 Page - Toshiba Semiconductor |
|
11 / 34 page ![]() TC9256, 57APG/AFG 2006-07-14 11 2. Prescaler and Programmable Counter Circuit Configuration (1) Pulse-swallow mode circuit configuration This circuit consists of a two-modulus prescaler, a 4-bit swallow counter and a 12-bit programmable counter. During FMIN (FMH mode), a 1/2 prescaler is added to the preceding step. (2) Circuit configuration for the direct dividing method In the direct dividing mode, the prescaler section is bypassed and the 12-bit programmable counter is used. Note: Both FMIN and AMIN have built-in amps. Connecting a capacitor permits low-amplitude operation. Figure 3 Figure 4 |