| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADE9178 bảng dữ liệu(PDF) 81 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADE9178 bảng dữ liệu(HTML) 81 Page - Analog Devices |
|
81 / 122 page ![]() Data Sheet ADE9178 REGISTER DETAILS: ADE9178 analog.com Rev. A | 81 of 122 Table 34. ADE9178 Register Details (Continued) Addr Name Bits Bit Name Settings Description Reset Access USER_PERIOD_HALF or else synchronize with zero crossings of AUX1 channel. 0 Synchronized with Zero Crossing. Synchronize RMSHALF calculation with zero crossings of the channel. 1 Synchronized with User- Defined Half Period Value. Synchronize RMSHALF calculation with user-defined half period value. 6 AUX0_RMSHALF_MODE_SEL AUX0RMSHALF Mode Selection. Set this bit to calculate AUX0RMSHALF based on USER_PERIOD_HALF or else synchronize with zero crossings of AUX0 channel. 0x0 R/W 0 Synchronized with Zero Crossing. Synchronize RMSHALF calculation with zero crossings of the channel. 1 Synchronized with User- Defined Half Period Value. Synchronize RMSHALF calculation with user-defined half period value. 5 CI_RMSHALF_MODE_SEL CIRMSHALF Mode Selection. Set this bit to calculate CIRMSHALF based on USER_PERIOD_HALF or else synchronize with zero crossings of CI channel. 0x0 R/W 0 Synchronized with Zero Crossing. Synchronize RMSHALF calculation with zero crossings of the channel. 1 Synchronized with User- Defined Half Period Value. Synchronize RMSHALF calculation with user-defined half period value. 4 CV_RMSHALF_MODE_SEL CVRMSHALF Mode Selection. Set this bit to calculate CVRMSHALF based on USER_PERIOD_HALF or else synchronize with zero crossings of CV channel. 0x0 R/W 0 Synchronized with Zero Crossing. Synchronize RMSHALF calculation with zero crossings of the channel. 1 Synchronized with User- Defined Half Period Value. |