| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADE9178 bảng dữ liệu(PDF) 80 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADE9178 bảng dữ liệu(HTML) 80 Page - Analog Devices |
|
80 / 122 page ![]() Data Sheet ADE9178 REGISTER DETAILS: ADE9178 analog.com Rev. A | 80 of 122 Table 34. ADE9178 Register Details (Continued) Addr Name Bits Bit Name Settings Description Reset Access Synchronize RMSHALF calculation with user-defined half period value. 10 AUX4_RMSHALF_MODE_SEL AUX4RMSHALF Mode Selection. Set this bit to calculate AUX4RMSHALF based on USER_PERIOD_HALF or else synchronize with zero crossings of AUX4 channel. 0x0 R/W 0 Synchronized with Zero Crossing. Synchronize RMSHALF calculation with zero crossings of the channel. 1 Synchronized with User- Defined Half Period Value. Synchronize RMSHALF calculation with user-defined half period value. 9 AUX3_RMSHALF_MODE_SEL AUX3RMSHALF Mode Selection. Set this bit to calculate AUX3RMSHALF based on USER_PERIOD_HALF or else synchronize with zero crossings of AUX3 channel. 0x0 R/W 0 Synchronized with Zero Crossing. Synchronize RMSHALF calculation with zero crossings of the channel. 1 Synchronized with User- Defined Half Period Value. Synchronize RMSHALF calculation with user-defined half period value. 8 AUX2_RMSHALF_MODE_SEL AUX2RMSHALF Mode Selection. Set this bit to calculate AUX2RMSHALF based on USER_PERIOD_HALF or else synchronize with zero crossings of AUX2 channel. 0x0 R/W 0 Synchronized with Zero Crossing. Synchronize RMSHALF calculation with zero crossings of the channel. 1 Synchronized with User- Defined Half Period Value. Synchronize RMSHALF calculation with user-defined half period value. 7 AUX1_RMSHALF_MODE_SEL AUX1RMSHALF Mode Selection. Set this bit to calculate AUX1RMSHALF based on 0x0 R/W |