công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

D484 bảng dữ liệu(PDF) 3 Page - Alpha & Omega Semiconductors

tên linh kiện D484
Giải thích chi tiết về linh kiện  N-Channel Enhancement Mode Field Effect Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AOSMD [Alpha & Omega Semiconductors]
Trang chủ  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

D484 bảng dữ liệu(HTML) 3 Page - Alpha & Omega Semiconductors

  D484 Datasheet HTML 1Page - Alpha & Omega Semiconductors D484 Datasheet HTML 2Page - Alpha & Omega Semiconductors D484 Datasheet HTML 3Page - Alpha & Omega Semiconductors D484 Datasheet HTML 4Page - Alpha & Omega Semiconductors D484 Datasheet HTML 5Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
AOD484
TYPICAL ELECTRICAL AND THERMAL CHARACTERISTICS
500
150
60
0
5
10
15
20
0
0.5
1
1.5
2
2.5
3
3.5
VGS(Volts)
Figure 2: Transfer Characteristics
-40°C
0
5
10
15
20
25
04
8
12
16
20
ID (A)
Figure 3: On-Resistance vs. Drain Current and
Gate Voltage
1.0E-05
1.0E-04
1.0E-03
1.0E-02
1.0E-01
1.0E+00
1.0E+01
0.0
0.2
0.4
0.6
0.8
1.0
1.2
VSD (Volts)
Figure 6: Body-Diode Characteristics
25°C
125°C
-40°C
0.6
0.8
1
1.2
1.4
1.6
-50
-25
0
25
50
75
100 125 150 175
Temperature (°C)
Figure 4: On-Resistance vs. Junction
Temperature
VGS=4.5V
ID=15A
VGS=10V
ID=20A
10
15
20
25
30
35
40
24
68
10
VGS (Volts)
Figure 5: On-Resistance vs. Gate-Source Voltage
25°C
125°C
VDS=5V
VGS=4.5V
VGS=10V
ID=20A
25°C
125°C
0
10
20
30
40
50
60
70
80
01
23
45
VDS (Volts)
Figure 1: On-Region Characteristics
VGS=3V
8V
10V
4.5V
6V
3.5V
Alpha & Omega Semiconductor, Ltd.



Html Pages

1 2 3 4 5