công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BMA456 bảng dữ liệu(PDF) 29 Page - Bosch Sensortec GmbH

tên linh kiện BMA456
Giải thích chi tiết về linh kiện  Digital, triaxial acceleration sensor
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  BOSCH [Bosch Sensortec GmbH]
Trang chủ  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMA456 bảng dữ liệu(HTML) 29 Page - Bosch Sensortec GmbH

Back Button BMA456 Datasheet HTML 25Page - Bosch Sensortec GmbH BMA456 Datasheet HTML 26Page - Bosch Sensortec GmbH BMA456 Datasheet HTML 27Page - Bosch Sensortec GmbH BMA456 Datasheet HTML 28Page - Bosch Sensortec GmbH BMA456 Datasheet HTML 29Page - Bosch Sensortec GmbH BMA456 Datasheet HTML 30Page - Bosch Sensortec GmbH BMA456 Datasheet HTML 31Page - Bosch Sensortec GmbH BMA456 Datasheet HTML 32Page - Bosch Sensortec GmbH BMA456 Datasheet HTML 33Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 103 page
background image
Bosch Sensortec | BMA456 Data Sheet
29 | 103
Modifications reserved | Data subject to change without notice
Document number: BST-BMA456-DS000-08
Revision_3.5_032025
FIFO Interrupts
The FIFO supports two interrupts, a FIFO full interrupt and a watermark interrupt:
•
The FIFO full interrupt is issued when the FIFO fill level is above the full threshold. The full
threshold is reached just before the last two frames are stored in the FIFO.
•
The FIFO watermark is issued when the FIFO fill level is equal or above a watermark defined in
Register FIFO_WTM_0 and FIFO_WTM_1.
In order to enable/use the FIFO full or watermark interrupts map them on the desired interrupt pin via
INT_MAP_DATA.
Both interrupts are suppressed when a read operation on the Register FIFO_DATA is ongoing.
Latched FIFO interrupts will only get cleared, if the status register gets read and the fill level is below
the corresponding FIFO interrupt (full or watermark).
FIFO Flush
The user can trigger a FIFO reset by writing the command fifo_flash (0xB0) in CMD.
Automatic resets are only performed in the following cases:
•
A sensor is enabled or disabled in headerless mode
•
A transition between headerless and headermode or vice versa has occurred.
•
Size of auxiliary sensor data in a frame changed in header or headerless mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com