công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STX-RLINK2 bảng dữ liệu(PDF) 12 Page - STMicroelectronics

tên linh kiện STX-RLINK2
Giải thích chi tiết về linh kiện  8-bit microcontroller with single voltage Flash memory, data EEPROM, ADC, timers, SPI
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STX-RLINK2 bảng dữ liệu(HTML) 12 Page - STMicroelectronics

Back Button STX-RLINK2 Datasheet HTML 8Page - STMicroelectronics STX-RLINK2 Datasheet HTML 9Page - STMicroelectronics STX-RLINK2 Datasheet HTML 10Page - STMicroelectronics STX-RLINK2 Datasheet HTML 11Page - STMicroelectronics STX-RLINK2 Datasheet HTML 12Page - STMicroelectronics STX-RLINK2 Datasheet HTML 13Page - STMicroelectronics STX-RLINK2 Datasheet HTML 14Page - STMicroelectronics STX-RLINK2 Datasheet HTML 15Page - STMicroelectronics STX-RLINK2 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 124 page
background image
ST7LITE0xY0, ST7LITESxY0
12/124
Notes:
1. The contents of the I/O port DR registers are readable only in output configuration. In input configura-
tion, the values of the I/O pins are returned instead of the DR register contents.
2. The bits associated with unavailable pins must always keep their reset value.
003Ah
SI
SICSR
System Integrity Control/Status Register
0xh
R/W
003Bh to
007Fh
Reserved area (69 bytes)
Address
Block
Register
Label
Register Name
Reset
Status
Remarks
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More