công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HS115 bảng dữ liệu(PDF) 2 Page - Multicomp Pro

tên linh kiện HS115
Giải thích chi tiết về linh kiện  Heat Shrink Tubing
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MULTICOMP [Multicomp Pro]
Trang chủ  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

HS115 bảng dữ liệu(HTML) 2 Page - Multicomp Pro

  HS115 Datasheet HTML 1Page - Multicomp Pro HS115 Datasheet HTML 2Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Page <2>
V1.0
23/06/22
Heat Shrink Tubing
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
sg.element14.com/b/multicomp-pro
Part Number Table
Description
Part Number
Heat Shrink Tubing, 3:1, 3.2mm, Black, 10m
HS114
Heat Shrink Tubing, 3:1, 4.8mm, Black, 10m
HS115
Heat Shrink Tubing, 3:1, 6.4mm, Black, 10m
HS116
Heat Shrink Tubing, 3:1, 7.9mm, Black, 10m
HS117
Heat Shrink Tubing, 3:1, 9.5mm, Black, 10m
HS118
Heat Shrink Tubing, 3:1, 12.7mm, Black, 10m
HS119
Heat Shrink Tubing, 3:1, 15mm, Black, 10m
HS120
Heat Shrink Tubing, 3:1, 19.1mm, Black, 10m
HS121
Heat Shrink Tubing, 3:1, 3.2mm, Black, 1.2m
HS114 1.2M
Heat Shrink Tubing, 3:1, 4.8mm, Black, 1.2m
HS115 1.2M
Heat Shrink Tubing, 3:1, 6.4mm, Black, 1.2m
HS116 1.2M
Heat Shrink Tubing, 3:1, 7.9mm, Black, 1.2m
HS117 1.2M
Heat Shrink Tubing, 3:1, 9.5mm, Black, 1.2m
HS118 1.2M
Heat Shrink Tubing, 3:1, 12.7mm, Black, 1.2m
HS119 1.2M
Heat Shrink Tubing, 3:1, 15mm, Black, 1.2m
HS120 1.2M
Heat Shrink Tubing, 3:1, 19.1mm, Black, 1.2m
HS121 1.2M
Heat Shrink Tubing, 3:1, 25.4mm, Black, 1.2m
HS122 1.2M
Heat Shrink Tubing, 3:1, 30mm, Black, 1.2m
HS123 1.2M
Heat Shrink Tubing, 3:1, 39mm, Black, 1.2m
HS124 1.2M
Heat Shrink Tubing, 3:1, 50mm, Black, 1.2m
HS125 1.2M
Size
As supplied (mm)
After Recovered (mm)
Inch
mm
Internal Diameter
Min.
Internal Diameter
Max.
Total Wall
Thickness
Wall Thickness of
Adhesive
5/8
Ø15
15.5 ±0.5
5.2
1.8 ±0.3
0.55 ±0.3
3/4
Ø19.1
19.8 ±0.7
6.3
1.95 ±0.3
0.6 ±0.3
1
Ø25.4
25.4
8.5
2 ±0.4
0.6 ±0.3
1-1/4
Ø30
30
10.2
2.15 ±0.4
0.65 ±0.3
1-1/2
Ø39
39
13.5
2.15 ±0.4
0.65 ±0.3
2
Ø50
50
17
2.45 ±0.4
0.75 ±0.3
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the AVNET group of companies (the “Group”) or are licensed to it. No licence is granted for 
the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change 
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, 
any error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make 
any assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or 
where the Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its 
negligence. Multicomp Pro is the registered trademark of Premier Farnell Limited 2019.



Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com