công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ECWF2274JAQ bảng dữ liệu(PDF) 4 Page - Panasonic Semiconductor

tên linh kiện ECWF2274JAQ
Giải thích chi tiết về linh kiện  Plastic Film Capacitors
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PANASONIC [Panasonic Semiconductor]
Trang chủ  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECWF2274JAQ bảng dữ liệu(HTML) 4 Page - Panasonic Semiconductor

  ECWF2274JAQ Datasheet HTML 1Page - Panasonic Semiconductor ECWF2274JAQ Datasheet HTML 2Page - Panasonic Semiconductor ECWF2274JAQ Datasheet HTML 3Page - Panasonic Semiconductor ECWF2274JAQ Datasheet HTML 4Page - Panasonic Semiconductor ECWF2274JAQ Datasheet HTML 5Page - Panasonic Semiconductor ECWF2274JAQ Datasheet HTML 6Page - Panasonic Semiconductor ECWF2274JAQ Datasheet HTML 7Page - Panasonic Semiconductor ECWF2274JAQ Datasheet HTML 8Page - Panasonic Semiconductor ECWF2274JAQ Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
ECWF(A) series
■ Rated voltage [DC]:450 V, Capacitance tolerance:±5 %(J), ±10 %(K)
*
□:Capacitance tolerance code
()
:Suffix for lead crimped or taped type
■ Rated voltage [DC]:630 V, Capacitance tolerance:±5 %(J)
()
:Suffix for lead crimped or taped type
9.3
Part No.
Capacitance
(μF)
0.56
0.68
0.82
800
Min. order Q'ty (PCS)
14.9
15.2
15.6
16.1
16.7
7.5
7.5
7.5
7.5
7.5
7.5
7.5
7.5
Taping
Bulk
18.8
18.8
1.0
7.5 mm
Straight
・
Crimped
lead
Bulk
T
max.
L
max.
Crimped lead
(Suffix B)
Crimped lead
(Suffix Q)
H max.
S
ød
Taping
Crimped lead
(Suffix Q)
G max.
F
13.0
13.0
18.1
14.3
0.6
10.0
10.0
10.0
Part No.
Capacitance
(μF)
Straight
Crimped lead
(Suffix B)
ECWF2W394
□A( )
ECWF2W474
□A( )
0.39
0.47
9.7
18.1
18.1
Dimensions (mm)
ECWF2W564
□A( )
ECWF2W684
□A( )
ECWF2W824
□A( )
0.10
0.12
0.15
0.18
0.22
0.27
0.33
ECWF2W104
□A( )
ECWF2W124
□A( )
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
03-Apr-23
12.6
14.7
15.8
16.7
18.1
18.8
G max.
F
1.2
1.5
1.8
0.6
0.6
ECWF2W105
□A( )
ECWF2W125
□A( )
ECWF2W155
□A( )
ECWF2W185
□A( )
1.5
15.4
15.8
ECWF2W154
□A( )
ECWF2W184
□A( )
ECWF2W224
□A( )
ECWF2W274
□A( )
ECWF2W334
□A( )
13.0
13.0
13.0
13.0
13.0
13.0
13.0
10.0
10.0
10.0
7.5
7.5
0.6
0.6
0.6
0.6
0.6
0.6
7.5
7.5
6.1
6.5
7.0
7.6
–
5.1
5.4
5.7
1.5
15.0
15.0
15.0
15.0
7.5
7.5
7.5
7.5
15.0
15.0
22.5
22.5
22.5
22.5
15.0
16.2
16.7
Crimped lead
(Suffix Q)
15.0
15.0
15.0
15.0
25.4
26.6
7.5
7.5
7.5
22.5
26.8
28.4
2.2
21.4
10.9
12.0
10.1
11.1
12.1
13.5
14.8
16.3
18.2
26.0
26.0
26.0
26.0
26.0
26.0
18.2
22.5
22.5
21.0
ECWFA2J225J( )
0.10
0.12
0.15
0.18
0.22
0.27
0.33
0.39
0.47
0.56
0.68
0.82
1.0
1.2
1.5
1.8
ECWFA2J184J( )
ECWFA2J224J( )
ECWFA2J274J( )
ECWFA2J104J( )
ECWFA2J124J( )
ECWFA2J154J( )
ECWFA2J564J( )
ECWFA2J684J( )
ECWFA2J824J( )
ECWFA2J105J( )
ECWFA2J125J( )
ECWFA2J155J( )
ECWFA2J185J( )
22.5
22.5
17.3
17.9
15.0
15.0
ECWFA2J334J( )
ECWFA2J394J( )
ECWFA2J474J( )
15.0
15.0
22.5
15.0
15.0
15.0
15.0
22.5
22.5
0.8
14.5
0.8
0.8
0.8
0.8
19.6
0.8
0.8
15.0
10.0
10.0
15.0
15.0
15.0
–
7.5
0.8
15.0
15.0
15.0
15.0
10.0
0.8
10.7
11.6
600
0.8
0.8
1.5
1.5
1.5
1.5
1.5
1.5
1.5
1.5
1.5
1.5
1.5
1.5
1.5
1.5
1.5
1.5
0.6
0.6
1.5
11.5
23.5
24.5
21.7
23.7
18.5
24.9
8.1
8.7
16.5
17.1
17.7
7.0
7.5
22.8
8.2
12.8
10.6
11.7
12.1
12.7
17.6
19.7
20.8
–
26.3
2.2
2.7
3.3
3.9
4.7
24.6
17.9
16.5
17.5
18.4
19.6
12.6
13.8
22.5
23.4
21.5
22.9
1.5
0.8
0.8
500
400
200
600
800
1000
−
300
400
500
600
0.6
0.6
0.6
0.6
0.6
0.8
0.6
0.6
0.6
0.6
0.8
0.8
0.8
0.8
1.5
1.5
1.5
1.5
1.5
15.0
21.0
22.1
22.3
23.2
24.2
25.6
22.5
22.5
22.1
7.5
7.5
7.5
7.5
15.0
15.0
15.0
15.0
22.5
22.5
22.5
22.5
22.5
7.5
7.5
7.5
15.0
15.0
15.0
15.0
15.0
15.0
15.0
16.0
17.1
15.3
16.2
17.2
18.6
19.8
15.4
15.8
16.2
16.7
17.3
17.9
18.6
19.3
20.1
10.4
10.8
11.2
11.7
12.3
12.9
13.6
14.3
500
600
1000
200
300
400
1.5
1.5
20.3
21.2
22.2
23.6
24.8
26.4
18.6
19.3
20.1
22.5
7.5
1.5
15.0
15.0
15.0
15.0
ECWF2W225
□A( )
ECWF2W275
□A( )
ECWF2W335
□A( )
ECWF2W395
□A( )
ECWF2W475
□A( )
Dimensions (mm)
L
max.
T
max.
H max.
S
ød
Straight
18.8
26.3
26.3
26.3
18.2
18.2
18.2
18.2
18.2
18.2
18.2
18.2
7.8
8.5
9.2
Crimped
lead
500
14.3
14.5
14.9
15.2
15.6
16.1
16.7
17.2
17.9
17.2
17.9
19.1
19.7
1000
1200
Min. order Q'ty (PCS)
Crimped lead
(Suffix B)
Crimped lead
(Suffix Q)
Crimped lead
(Suffix B)
7.5
mm
Straight
21.7
Rating · Dimensions · Quantity
1.5
1.5
1.5
15.0
15.0
15.0
18.2
15.1
5.2
5.5
6.0
6.5
7.1
10.0
1.5
1.5
1.5
1.5
1.5
1.5
1.5
15.0
15.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com