công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ECWF2274JAQ bảng dữ liệu(PDF) 2 Page - Panasonic Semiconductor

tên linh kiện ECWF2274JAQ
Giải thích chi tiết về linh kiện  Plastic Film Capacitors
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PANASONIC [Panasonic Semiconductor]
Trang chủ  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECWF2274JAQ bảng dữ liệu(HTML) 2 Page - Panasonic Semiconductor

  ECWF2274JAQ Datasheet HTML 1Page - Panasonic Semiconductor ECWF2274JAQ Datasheet HTML 2Page - Panasonic Semiconductor ECWF2274JAQ Datasheet HTML 3Page - Panasonic Semiconductor ECWF2274JAQ Datasheet HTML 4Page - Panasonic Semiconductor ECWF2274JAQ Datasheet HTML 5Page - Panasonic Semiconductor ECWF2274JAQ Datasheet HTML 6Page - Panasonic Semiconductor ECWF2274JAQ Datasheet HTML 7Page - Panasonic Semiconductor ECWF2274JAQ Datasheet HTML 8Page - Panasonic Semiconductor ECWF2274JAQ Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
ECWF(A) series
* In case of applying voltage in alternating current (50 Hz or 60 Hz sine wave) to a capacitor with DC rated voltage,
please refer to the page of “Permissible voltage (R.M.S) in alternating current corresponding to DC rated voltage”.
Unit
:mm
■ Packing quantity : 100 pcs./bag
630 V
Rated voltage [DC]
(Derating of rated voltage by 1.0%/
℃ at more than 85 ℃)
Capacitance range
0.1 μF to 6.8 μF
250 V
0.1 μF to 4.7 μF
450 V
0.1 μF to 2.2 μF
630 V
240 Vp-p, and zero to peak voltage should be less than 450 Vo-p.
450 V
Specifications
Should a safety concern arise regarding this product, please be sure to contact us immediately.
03-Apr-23
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Insulation resistance (IR)
630 V
250 V
450 V
 C ≦ 0.33 μF:IR ≧ 9,000 MΩ
(20
℃, 500 V, 60 s)
 C > 0.33 μF:IR ≧ 3,000 MΩ・μF
 C ≦ 0.33 μF:IR ≧ 9,000 MΩ
(20
℃, 100 V, 60 s)
 C > 0.33 μF:IR ≧ 3,000 MΩ・μF
Dissipation factor (tan δ)
Category temp. range
(Including temperature-rise on unit surface)
−40 ℃ to +105 ℃
(Derating of rated voltage by 1.25%/
℃ at more than 85 ℃)
Peak to peak voltage applied on the capacitor should be less than
250 V
630 V
Withstand voltage
250 V
Capacitance tolerance
 Between terminals : Rated voltage (V) × 150 % 60 s
±5 % (J), ±10 % (K)
±5 % (J)
tan δ
≦ 0.1 % (20 ℃, 1 kHz)
±3 % (H), ±5 % (J)
450 V
Dimensions
Packaging specifications for bulk package
 C ≦ 0.33 μF:IR ≧ 30,000 MΩ
(20
℃, 100 V, 60 s)
 C > 0.33 μF:IR ≧ 10,000 MΩ・μF
L max.
T max.
L max.
L max.
F
±1.0
S
±0.8
S
±0.8
Type B
Type D
ød
±0.05
Crimped lead
(Suffix Q)
Straight
Crimped lead
(Suffix B)
Cut lead
(Suffix C)
Marking
Marking
Marking
Marking
Copper-wire or
Copper-clad
steel-wire



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com