| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ESH2DH bảng dữ liệu(PDF) 2 Page - Taiwan Semiconductor Company, Ltd |
|
|
|||||||||||||||||||||||||||||
ESH2DH bảng dữ liệu(HTML) 2 Page - Taiwan Semiconductor Company, Ltd |
|
2 / 6 page ![]() ESH2BH – ESH2DH Taiwan Semiconductor 2 Version: A2102 THERMAL PERFORMANCE PARAMETER SYMBOL TYP UNIT Junction-to-lead thermal resistance RӨJL 20 °C/W Junction-to-ambient thermal resistance RӨJA 75 °C/W ELECTRICAL SPECIFICATIONS (T A = 25°C unless otherwise noted) PARAMETER CONDITIONS SYMBOL TYP MAX UNIT Forward voltage (1) IF = 2A,TJ = 25°C VF - 0.9 V Reverse current @ rated VR (2) TJ = 25°C IR - 2 µA TJ = 125°C - 50 µA Junction capacitance 1MHz, VR = 4.0V CJ 25 - pF Reverse recovery time IF = 0.5A, IR = 1.0A, Irr = 0.25A trr - 20 ns Notes: 1. Pulse test with PW = 0.3ms 2. Pulse test with PW = 30ms ORDERING INFORMATION ORDERING CODE(1) PACKAGE PACKING ESH2xH DO-214AA (SMB) 3,000 / Tape & Reel Notes: 1. "x" defines voltage from 100V(ESH2BH) to 200V(ESH2DH) |