công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

GC5007SWDMPRNP-V00CWNX bảng dữ liệu(PDF) 16 Page - Jewel Hill Electronic

tên linh kiện GC5007SWDMPRNP-V00CWNX
Giải thích chi tiết về linh kiện  SPECIFICATIONS FOR LCD MODULE
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  JHE [Jewel Hill Electronic]
Trang chủ  http://www.jhlcd.com
Logo JHE - Jewel Hill Electronic

GC5007SWDMPRNP-V00CWNX bảng dữ liệu(HTML) 16 Page - Jewel Hill Electronic

Back Button GC5007SWDMPRNP-V00CWNX Datasheet HTML 12Page - Jewel Hill Electronic GC5007SWDMPRNP-V00CWNX Datasheet HTML 13Page - Jewel Hill Electronic GC5007SWDMPRNP-V00CWNX Datasheet HTML 14Page - Jewel Hill Electronic GC5007SWDMPRNP-V00CWNX Datasheet HTML 15Page - Jewel Hill Electronic GC5007SWDMPRNP-V00CWNX Datasheet HTML 16Page - Jewel Hill Electronic GC5007SWDMPRNP-V00CWNX Datasheet HTML 17Page - Jewel Hill Electronic GC5007SWDMPRNP-V00CWNX Datasheet HTML 18Page - Jewel Hill Electronic GC5007SWDMPRNP-V00CWNX Datasheet HTML 19Page - Jewel Hill Electronic GC5007SWDMPRNP-V00CWNX Datasheet HTML 20Page - Jewel Hill Electronic Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
JEWEL HILL ELECTRONIC CO.,LTD.
10. PRECAUTIONS FOR USING LCD MODULES
10.1. HANDLING PRECAUTIONS
(1) The display panel is made of glass. Do not subject it to a mechanical shock or impact by dropping
it.
(2) If the display panel is damaged and the liquid crystal substance leaks out, be sure not to get any in
your mouth. If the substance contacts your skin or clothes, wash it off using soap and water.
(3) Do not apply excessive force to the display surface or the adjoining areas since this may cause the
color tone to vary.
(4) The polarizer covering the display surface of the LCD module is soft and easily scratched. Handle
this polarizer carefully.
(5) If the display surface becomes contaminated, breathe on the surface and gently wipe it with a soft
dry cloth. If it is heavily contaminated, moisten a cloth with one of the following solvents:
- Isopropyl alcohol
- Ethyl alcohol
(6) Solvents other than those above mentioned may damage the polarizer.
Especially, do not use the following:
- Water
- Ketone
- Aromatic solvents
(7) Extra care to minimize corrosion of the electrode. Water droplets, moisture condensation or a
current flow in a high-humidity environment accelerates corrosion of the electrode.
(8) Install the LCD Module by using the mounting holes. When mounting the LCD Module, make
sure it is free of twisting, warping and distortion. In particular, do not forcibly pull or bend the I/O
cable or the backlight cable.
(9) Do not attempt to disassemble or process the LCD Module.
(10) NC terminal should be open. Do not connect anything.
(11) If the logic circuit power is off, do not apply the input signals.
(12) To prevent destruction of the elements by static electricity, be careful to maintain an optimum
work environment.
- Be sure to ground the body when handling he LCD Module.
- Tools required for assembling, such as soldering irons, must be properly grounded.
-To reduce the amount of static electricity generated, do not conduct assembling and other work
under dry conditions.
GC5007
VER: 2.0
- 15 -
Issue date: 2005/11/21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com