| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
7269/01 bảng dữ liệu(PDF) 23 Page - Carclo Technical Plastics Limited |
|
|
|||||||||||||||||||||||||||||
7269/01 bảng dữ liệu(HTML) 23 Page - Carclo Technical Plastics Limited |
|
23 / 24 page ![]() ASPHERIC PRISMATIC HALF-EYE SPECTACLES POPULAR hYPEROCULARS AND PRISMATICS Product Code Description Frame Colour Dioptres Prism / Lens 4146 ZYL Top 45 Brown +4.00D OU6^B10U 4147 ZYL Top 45 Crystal +4.00D OU6^B10U 4148 ZYL Top 49 Crystal +4.00D OU6^B10U 4149 ZYL Top 49 Brown +4.00D OU6^B10U 4150 ZYL Top 45 Brown +6.00D OU8^B10U 4151 ZYL Top 45 Crystal +6.00D OU8^B10U 4152 ZYL Top 49 Crystal +6.00D OU8^B10U 4153 ZYL Top 49 Brown +6.00D OU8^B10U 4154 ZYL Top 45 Brown +8.00D OU10^B10U 4155 ZYL Top 45 Crystal +8.00D OU10^B10U 4156 ZYL Top 49 Crystal +8.00D OU10^B10U 4157 ZYL Top 49 Brown +8.00D OU10^B10U 4158 ZYL Top 45 Brown +10.00D OU12^B10U Product Code Description Frame Colour Magnification* Prism / Lens 3146 4421 Brown 4x OU 3147 4421 Brown 4x Plano OD 3148 4421 Brown 4x OS Plano 3149 4421 Brown 5x OU 3150 4421 Brown 5x Plano OD 3151 4421 Brown 5x OS Plano 3152 4421 Brown 6x OU 3153 4421 Brown 6x Plano OD 3154 4421 Brown 6x OS Plano 3155 4421 Brown 8x OU 3156 4421 Brown 8x Plano OD 3157 4421 Brown 8x OS Plano 3158 4421 Brown 10x OU 3159 4421 Brown 10x Plano OD 3160 4421 Brown 10x OS Plano 3161 4421 Brown 12x OU 3162 4421 Brown 12x Plano OD 3163 4421 Brown 12x OS Plano ASPHERIC HYPEROCULAR MICROSCOPIC SPECTACLES Brown Brown Crystal Brown ASPHERIC PRISMATIC HALF-EYE SPECTACLES ASPHERIC HYPEROCULAR MICROSCOPIC SPECTACLES Full range goes up to 14.00D. * Nominal magnification is defined as 1+ Power/4 according to BS EN ISO 15253: 2000 23 |