công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

7269/01 bảng dữ liệu(PDF) 17 Page - Carclo Technical Plastics Limited

tên linh kiện 7269/01
Giải thích chi tiết về linh kiện  OPTICS CATALOGUE
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  COIL [Carclo Technical Plastics Limited]
Trang chủ  https://www.coil.co.uk/
Logo COIL - Carclo Technical Plastics Limited

7269/01 bảng dữ liệu(HTML) 17 Page - Carclo Technical Plastics Limited

Back Button 7269/01 Datasheet HTML 13Page - Carclo Technical Plastics Limited 7269/01 Datasheet HTML 14Page - Carclo Technical Plastics Limited 7269/01 Datasheet HTML 15Page - Carclo Technical Plastics Limited 7269/01 Datasheet HTML 16Page - Carclo Technical Plastics Limited 7269/01 Datasheet HTML 17Page - Carclo Technical Plastics Limited 7269/01 Datasheet HTML 18Page - Carclo Technical Plastics Limited 7269/01 Datasheet HTML 19Page - Carclo Technical Plastics Limited 7269/01 Datasheet HTML 20Page - Carclo Technical Plastics Limited 7269/01 Datasheet HTML 21Page - Carclo Technical Plastics Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
POPULAR
MAGNIFIERS CLASSIC BLACK RANGE
Product
Description
Dioptres/Mag*
A x B x C (mm)
Lens Diameter
Effective Focal
Field of View
Code
(mm)
Length (mm)
on Page (mm)
5449
Major AHR
5.4D / 2.4x
146 x 203 x 27
102 x 75
183.8
180 x 150
5438
Minor AHR
6D / 2.5x
134 x 174 x 19
83 x 64
167.5
180 x 150
5442
Large AHR
7.3D / 2.8x
145 x 197 x 31
98 x 74
137.7
170 x 150
5432
Small AHR
10D / 3.5x
145 x 197 x 31
64 x 52
100.2
120 x 130
5460
Cataract AHR
17.7D / 5.4x
59 x 138 x 17
47.0
56.6
57
5798
L.V.A AHR
14.6D / 4.7x
59 x 138 x 17
47.0
68.4
65
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24