| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
FS4103D bảng dữ liệu(PDF) 76 Page - Positronic. |
|
|
|||||||||||||||||||||||||||||
FS4103D bảng dữ liệu(HTML) 76 Page - Positronic. |
|
76 / 86 page ![]() Ø0.152 [3.86] A C Max. ØB A ØB Ø0.040 [1.02] Ø0.152 [3.86] A C Max. ØB A ØB Ø0.040 [1.02] Ø0.152 [3.86] A C Max. ØB A ØB Ø0.040 [1.02] REMOVABLE SHIELDED CONTACT FOR USE WITH CBD, CBC, CBCD AND CBDD SERIES CONNECTORS SIZE 8 TYPE OF CONTACT FEMALE PART NUMBER MALE PART NUMBER A Ø B C MAX. RG CABLE NUMBER SOLDER/CRIMP FC4101D MC4101D 0.929 [23.60] 0.040 [1.02] 0.739 [18.77] 178 B/U 196 B/U SOLDER/CRIMP FC4102D MC4102D 0.929 [23.60] 0.067 [1.70] 0.739 [18.77] 179 B/U 316 /U SOLDER/CRIMP FC4103D MC4103D 1.037 [26.34] 0.108 [2.74] 0.847 [21.51] 180 B/U SOLDER/CRIMP FC4104D MC4104D 1.037 [26.34] 0.120 [3.05] 0.847 [21.51] 58 B/U SOLDER/SOLDER FS4101D MS4101D 0.929 [23.60] 0.040 [1.02] 0.739 [18.77] 178 B/U 196 B/U SOLDER/SOLDER FS4102D MS4102D 0.929 [23.60] 0.067 [1.70] 0.739 [18.77] 179 B/U 316 /U SOLDER/SOLDER FS4103D MS4103D 1.037 [26.34] 0.108 [2.74] 0.847 [21.51] 180 B/U SOLDER/SOLDER FS4104D MS4104D 1.037 [26.34] 0.120 [3.05] 0.847 [21.51] 58 B/U CRIMP/CRIMP FCC4101D MCC4101D 0.929 [23.60] 0.040 [1.02] 0.739 [18.77] 178 B/U 196 B/U CRIMP/CRIMP FCC4102D MCC4102D 0.929 [23.60] 0.067 [1.70] 0.739 [18.77] 179 B/U 316 /U CRIMP/CRIMP FCC4103D MCC4103D 1.037 [26.34] 0.108 [2.74] 0.847 [21.51] 180 B/U CRIMP/CRIMP FCC4104D MCC4104D 1.037 [26.34] 0.120 [3.05] 0.847 [21.51] 58 B/U Two-step crimping action for signal and shielding conductors. SHIELDED CONTACTS STRAIGHT SOLDER/CRIMP CONTACTS STRAIGHT SOLDER/SOLDER CONTACTS STRAIGHT CRIMP/CRIMP CONTACTS MALE CONTACT FEMALE CONTACT MALE CONTACT FEMALE CONTACT MALE CONTACT FEMALE CONTACT Note: Connectors can be kitted with all applicable removable contacts, contact Technical Sales for connector part number. 78 DIMENSIONS ARE IN INCHES [MILLIMETERS]. ALL DIMENSIONS ARE SUBJECT TO CHANGE. REMOVABLE CONTACTS Combo-D D-Sub Positronic connectpositronic.com For information regarding crimp tool and crimping tool techniques, see Application Tools section, page 82. |