| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
FS4103D bảng dữ liệu(PDF) 22 Page - Positronic. |
|
|
|||||||||||||||||||||||||||||
FS4103D bảng dữ liệu(HTML) 22 Page - Positronic. |
|
22 / 86 page ![]() SUGGESTED PRINTED BOARD HOLE SIZES: Suggest 0.045 [1.14] Ø hole for signal contact termination position. Suggest 0.123±0.003 [3.12] Ø hole for mounting connector with push-on fasteners. 0.492 [12.50] TYP. 0.135 [3.43] TYP. 0.112 [2.84] 0.056 [1.42] 0.492 [12.50] TYP. 0.218 [5.54] TYP. 0.162 [4.11] TYP. 0.656 [16.66] TYP. 0.270 [6.86] TYP. 0.270 [6.86] TYP. 0.054 [1.37] TYP. 0.108 [2.74] TYP. 0.656 [16.66] TYP. 0.108 [2.74] TYP. 0.056 [1.42] 0.112 [2.84] 0.162 [4.11] TYP. 0.656 [16.66] TYP. 0.216 [5.49] TYP. 0.926 [23.52] TYP. 0.570 [14.48] TYP. 0.034 [0.86] 0.268 [6.81] TYP. 0.926 [23.52] TYP. 0.570 [14.48] TYP. 0.306 [7.77] 0.163 [4.14] 0.216 [5.49] 0.108 [2.74] TYP. 0.056 [1.42] 0.112 [2.84] 0.926 [23.52] TYP. 0.570 [14.48] TYP. 0.306 [7.77] 0.054 [1.37] 0.108 [2.74] TYP. 0.056 [1.42] 0.112 [2.84] 0.926 [23.52] TYP. 0.544 [13.82] TYP. 0.109 [2.77] TYP. 0.055 [1.38] TYP. 0.926 [23.52] TYP. 0.218 [5.52] TYP. 0.109 [2.77] TYP. 0.055 [1.38] TYP. 0.056 [1.42] 0.112 [2.84] 1.250 [31.75] TYP. 0.900 [22.86] TYP. 0.600 [15.24] 0.150 [3.81] 0.650 [16.51] 0.250 [6.35] TYP. 1.250 [31.75] TYP. 0.265 [6.73] TYP. 0.092 [2.34] 0.652 [16.56] 0.707 [17.95] 0.109 [2.77] TYP. 0.056 [1.42] 0.112 [2.84] 1.250 [31.75] TYP. 0.618 [15.70] 0.055 [1.38] TYP. 0.109 [2.77] TYP. 0.343 [8.71] 0.275 [6.99] TYP. 0.112 [2.84] 0.112 [2.84] 0.056 [1.42] 0.056 [1.42] 0.112 [2.84] 0.100 [2.54] 0.200 [5.08] 0.100 [2.54] 0.200 [5.08] 0.100 [2.54] 0.200 [5.08] 0.200 [5.08] 0.100 [2.54] 0.200 [5.08] 0.100 [2.54] 0.200 [5.08] 0.100 [2.54] 0.100 [2.54] 0.100 [2.54] 0.200 [5.08] 0.200 [5.08] 0.100 [2.54] 0.056 [1.42] 0.100 [2.54] 0.200 [5.08] 0.100 [2.54] 0.200 [5.08] 0.100 [2.54] 0.200 [5.08] 0.200 [5.08] 0.100 [2.54] 0.200 [5.08] STRAIGHT PRINTED BOARD MOUNT CONTACT HOLE PATTERN WITH FDS4201D AND MDS4201D SHIELDED CONTACTS HOLE IDENTIFICATION SHOWN FOR MALE CONNECTOR; USE MIRROR IMAGE FOR FEMALE CONNECTOR. 5W1 2WK2 5W5 9W4 8W8 13W3 21W1 17W5 17W2 13W6 3W3/3WK3 7W2 11W1 16 DIMENSIONS ARE IN INCHES [MILLIMETERS]. ALL DIMENSIONS ARE SUBJECT TO CHANGE. PROFESSIONAL, INDUSTRIAL AND MILITARY QUALITY THREE PERFORMANCE LEVELS FOR BEST COST/PERFORMANCE RATIO STANDARD DENSITY PCB MOUNT Combo-D D-Sub Positronic connectpositronic.com |