| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
FS4101D bảng dữ liệu(PDF) 75 Page - Positronic. |
|
|
|||||||||||||||||||||||||||||
FS4101D bảng dữ liệu(HTML) 75 Page - Positronic. |
|
75 / 86 page ![]() RIGHT ANGLE (90°) PRINTED BOARD MOUNT POWER CONTACT FOR USE WITH CBD AND CBDD SERIES CONNECTORS SIZE 8 Positronic recommends printed circuit board termination contacts be supplied installed in the connector. Contact technical sales for part number information. A Ø0.142 [3.61] A C ØB ØB *1 FEMALE CONTACT “CLOSED ENTRY” DESIGN, L.S.A. MALE CONTACT FEMALE PART NUMBER A REF. Ø B C SHELL SIZE CONTACT CODE FRT4314D 0.580 [14.73] 0.078 [1.98] 0.339 [8.61] 1, 2, 3 & 4 55 FRT4414D 0.692 [17.58] 0.078 [1.98] 0.451 [11.46] 5 55 FRT4714D 0.661 [16.79] 0.078 [1.98] 0.420 [10.67] 1, 2, 3 & 4 75 FRT4814D 0.773 [19.63] 0.078 [1.98] 0.520 [13.21] 5 75 FRT4310D 1.051 [26.70] 0.125 [3.18] 0.810 [20.57] 1, 2, 3 & 4 57 FRT4410D 1.051 [26.70] 0.125 [3.18] 0.810 [20.57] 5 57 MALE PART NUMBER A REF. Ø B C SHELL SIZE CONTACT CODE MRT4314D 0.580 [14.73] 0.078 [1.98] 0.339 [8.61] 1, 2, 3 & 4 55 MRT4414D 0.692 [17.58] 0.078 [1.98] 0.451 [11.46] 5 55 MRT4714D 0.661 [16.79] 0.078 [1.98] 0.420 [10.67] 1, 2, 3 & 4 75 MRT4814D 0.773 [19.63] 0.078 [1.98] 0.520 [13.21] 5 75 MRT4310D 1.051 [26.70] 0.125 [3.18] 0.810 [20.57] 1, 2, 3 & 4 57 MRT4410D 1.051 [26.70] 0.125 [3.18] 0.810 [20.57] 5 57 *1 NOTE: Female contacts feature Large Surface Area (L.S.A.) closed entry contact design which provides maximum mating surfaces between male and female contact and reduced contact resistance during operation. For contact current rating, see page 4. For information regarding crimp tool and crimping tool techniques, see Application Tools section, page 82. 77 DIMENSIONS ARE IN INCHES [MILLIMETERS]. ALL DIMENSIONS ARE SUBJECT TO CHANGE. REMOVABLE CONTACTS Combo-D D-Sub Positronic connectpositronic.com |