| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
FS4101D bảng dữ liệu(PDF) 57 Page - Positronic. |
|
|
|||||||||||||||||||||||||||||
FS4101D bảng dữ liệu(HTML) 57 Page - Positronic. |
|
57 / 86 page ![]() 4-40UNC-2B 4-40UNC-2A 4-40UNC-2B 4-40UNC-2B 4-40UNC-2A 4-40UNC-2A 4-40UNC-2B 4-40UNC-2B 4-40UNC-2B 4-40UNC-2B 4-40UNC-2A 4-40UNC-2A 4-40UNC-2A 4-40UNC-2A 4-40UNC-2A 4-40UNC-2B 0.754 [19.15] 0.754 [19.15] 0.754 [19.15] 0.754 [19.15] Female contacts Male contacts Female contacts Male contacts Female contacts Male contacts Female contacts Male contacts JACKSCREW SYSTEMS CODE E, E6, T AND T6 E6 T T6 E ROTATING MALE AND FEMALE JACKSCREWS ROTATING MALE AND FEMALE POLARIZED JACKSCREWS FIXED MALE AND FEMALE POLARIZED JACKSCREWS FIXED MALE AND FEMALE JACKSCREWS A C E K1 0.243±0.005 [6.17±0.13] B D Male Contacts Female Contacts 0.290 [7.37] 0.018[0.46] 0.036±0.008 [0.91±0.20] 0.020[0.51] Max. rollover B1 D1 Ø0.120±0.005 [3.05±0.13] Thru hole, 2 places STANDARD SHELL ASSEMBLY DIMENSIONS SIZE 20 AND SIZE 8 CONTACTS CODE 0 AND S Typical Part Number: ACBMP11W1F0011W1M00 CONNECTOR SIZE A ±0.015 B ±0.005 B1 ±0.005 C ±0.005 D ±0.005 D1 ±0.005 E ±0.015 K1 ±0.005 SHELL SIZE 1 1.213 [30.81] 0.643 [16.33] 0.666 [16.92] 0.984 [24.99] 0.311 [7.90] 0.329 [8.36] 0.494 [12.55] 0.233 [5.92] SHELL SIZE 2 1.541 [39.14] 0.971 [24.66] 0.994 [25.25] 1.312 [33.32] 0.311 [7.90] 0.329 [8.36] 0.494 [12.55] 0.233 [5.92] SHELL SIZE 3 1.534 [38.96] 1.852 [47.04] 0.311 [7.90] 0.329 [8.36] 0.494 [12.55] 0.230 [5.84] SHELL SIZE 4 2.729 [69.32] 2.159 [54.84] 2.182 [55.42] 2.500 [63.50] 0.311 [7.90] 0.329 [8.36] 0.494 [12.55] 0.230 [5.84] SHELL SIZE 5 2.635 [66.93] 2.064 [52.43] 2.079 [52.81] 2.406 [61.11] 0.423 [10.74] 0.441 [11.20] 0.605 [15.37] 0.230 [5.84] SHELL SIZE 6 2.729 [69.32] 2.189 [55.60] 2.212 [56.18] 2.500 [63.50] 0.485 [12.32] 0.503 [12.78] 0.668 [16.97] 0.230 [5.84] Molding Spacer NOTE: Code S = Swaged spacer with 4-40 UNC-2B threads. Example Part Number: ACBDP5W1FEX5W1M0X Example Part Number: ACBDP5W1FE6X5W1M0X Example Part Number: ACBDP5W1FTX5W1M0X Example Part Number: ACBDP5W1FT6X5W1M0X COMBO-D CONNECTOR SAVERS GENDER CHANGERS Combo-D D-Sub Positronic connectpositronic.com 59 DIMENSIONS ARE IN INCHES [MILLIMETERS]. ALL DIMENSIONS ARE SUBJECT TO CHANGE. |