công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

0824366 bảng dữ liệu(PDF) 2 Page - PHOENIX CONTACT

tên linh kiện 0824366
Giải thích chi tiết về linh kiện  EMLP 24 (30X12) SR CUS - Plastic label with drill hole
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHOENIX [PHOENIX CONTACT]
Trang chủ  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0824366 bảng dữ liệu(HTML) 2 Page - PHOENIX CONTACT

  0824366 Datasheet HTML 1Page - PHOENIX CONTACT 0824366 Datasheet HTML 2Page - PHOENIX CONTACT 0824366 Datasheet HTML 3Page - PHOENIX CONTACT 0824366 Datasheet HTML 4Page - PHOENIX CONTACT 0824366 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Technical data
Product properties
Product type
Labeled device marker
Marking
Number of individual labels
8
Number of individual labels per row
2
Environmental and real-life conditions
Test for substances that would hinder coating with paint or varnish
Result
Test passed
UV resistance
Specification
ISO 4892-2:2013-03 (following)
Result
Test passed
Test duration
96 h
Ambient conditions
Ambient temperature (operation)
-40 °C ... 80 °C
Ambient temperature (storage/transport)
4 °C ... 38 °C
Recommended storage conditions
20°C/50% relative humidity. Storage in the original packaging is
recommended.
Recommended ambient temperature (storage/transport)
20 °C
Recommended humidity (storage/transport)
50 %
Shelf life
12 months
Mounting
Mounting type
adhesive
Material specifications
Adhesive strength
50 µm
Adhesive
Acrylic
Color
silver
Material
TRANSPLY-ABS
Components
Silicone-free
Environmental and real-life conditions
Test for substances that would hinder coating with paint or varnish
Result
Test passed
UV resistance
Specification
ISO 4892-2:2013-03 (following)
Result
Test passed
Test duration
96 h
EMLP 24 (30X12) SR CUS - Plastic label with drill hole
0824366
https://www.phoenixcontact.com/us/products/0824366
May 15, 2025, 7:46AM
Page 2 (5)



Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com