| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM32U595AIH6Q bảng dữ liệu(PDF) 16 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32U595AIH6Q bảng dữ liệu(HTML) 16 Page - STMicroelectronics |
|
16 / 30 page ![]() 5 Getting started with STM32CubeU5 5.1 Running a first example This section explains how simple it is to run a first example on an STM32U5 series board. The program simply toggles an LED on the NUCLEO-U575ZI-Q board: Download the STM32CubeU5 MCU package. Unzip it into an appropriate directory. Make sure the package structure shown in Figure 4 is not modified. Note that it is also recommended to copy the package as close as possible to the root volume (for example C\ST or G:\Tests) because some IDEs encounter problems when the path length is too long. 5.1.1 Running a first TrustZone-enabled example Before loading and running a TrustZone-enabled example, it is mandatory to read the example readme file for any specific configuration. It insures that the security is enabled as described in section 4.2.1 (TZEN=1 (user option byte)). 1. Browse to \Projects\NUCLEO-U575ZI-Q\Examples. 2. Open \GPIO, then \GPIO_IoToggle_TrustZone folders. 3. Open the project with the preferred toolchain. A quick overview on how to open, build, and run an example with the supported toolchains is given below. 4. Rebuild in sequence all secure and nonsecure project files and load the secure and nonsecure images into target memory. 5. Run the example: on a regular basis, the secure application toggles LED1 every second and nonsecure application toggles LED2 twice as fast (for more details, refer to the example readme file). To open, build and run an example with the supported toolchains, follow the steps below: • EWARM 1. Open \EWARM subfolder under the example folder. 2. Launch the Project.eww workspace. 3. Set the "xxxxx_S" as an active application (right click on xxxxx_S project set as active). 4. Rebuild the xxxxx_S secure project files: Project → Rebuild all. 5. Rebuild the xxxxx_NS nonsecure project files: Right click on xxxxx_NS project → Rebuild all. 6. Flash the secure and nonsecure binaries with the download and debug button (Ctrl+D). 7. Run program: Debug → go(F5). UM2883 Getting started with STM32CubeU5 UM2883 - Rev 4 page 16/30 |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |