| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM32U595AIH6Q bảng dữ liệu(PDF) 9 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32U595AIH6Q bảng dữ liệu(HTML) 9 Page - STMicroelectronics |
|
9 / 30 page ![]() 4 STM32CubeU5 MCU package overview 4.1 Supported STM32U5 series devices and hardware STM32Cube offers a highly portable hardware abstraction layer (HAL) built around a generic architecture. It allows the build-upon layers principle, such as using the middleware layer to implement their functions without knowing what MCU is used. This improves the reusability of the library code and ensures easy portability to other devices. In addition, owing to its layered architecture, STM32CubeU5 offers full support of all STM32U5 series. The user only has to define the right macro in stm32u5xx.h. Table 1 shows which macro to define, depending on the STM32U5 series device used. This macro must also be defined in the compiler preprocessor. Table 1. Macros for STM32U5 series Macro defined in stm32u5xx.h STM32U5 devices STM32U575xx STM32U575ZIT6, STM32U575QII6, STM32U575AII6, STM32U575CIU6Q, STM32U575CIT6Q, STM32U575OIY6Q, STM32U575VIT6Q, STM32U575QII6Q, STM32U575ZIT6Q, STM32U575RIT6Q, STM32U575CGU6, STM32U575CGT6, STM32U575RGT6, STM32U575VGT6, STM32U575ZGT6, STM32U575QGI6, STM32U575AGI6, STM32U575CGU6Q, STM32U575CGT6Q, STM32U575OGY6Q, STM32U575VGT6Q, STM32U575QGI6Q, STM32U575ZGT6Q, STM32U575RGT6Q, STM32U575AGI6Q STM32U585xx STM32U585CIU6, STM32U585CIT6, STM32U585RIT6, STM32U585VIT6, STM32U585AII6, STM32U585QII6, STM32U585ZIT6, STM32U585OIY6Q, STM32U585VIT6Q, STM32U585QEI6Q, STM32U585RIT6Q, STM32U585AII6Q, STM32U585CIU6Q, STM32U585CIT6Q, STM32U585ZET6Q STM32U535xx STM32U535CET6, STM32U535CEU6, STM32U535RET6, STM32U535REI6, STM32U535VET6, STM32U535VEI6, STM32U535CET6Q, STM32U535CEU6Q, STM32U535RET6Q, STM32U535REI6Q, STM32U535VET6Q, STM32U535VEI6Q, STM32U535NEY6Q, STM32U535JEY6Q STM32U545xx STM32U545CET6, STM32U545CEU6, STM32U545RET6, STM32U545REI6, STM32U545VET6, STM32U545VEI6, STM32U545CET6Q, STM32U545CEU6Q, STM32U545RET6Q, STM32U545REI6Q, STM32U545VET6Q, STM32U545VEI6Q, STM32U545NEY6Q, STM32U545JEY6Q STM32U595xx STM32U595AJH6, STM32U595ZJT6, STM32U595QJI6, STM32U595VJT6, STM32U595RJT6, STM32U595AJH6Q, STM32U595ZJY6QTR, STM32U595ZJT6Q, STM32U595QJI6Q, STM32U595VJT6Q, STM32U595RJT6Q, STM32U595AIH6, STM32U595ZIT6, STM32U595QII6, STM32U595VIT6, STM32U595RIT6, STM32U595AIH6Q, STM32U595ZIY6QTR, STM32U595ZIT6Q, STM32U595QII6Q, STM32U595VIT6Q, STM32U595RIT6Q STM32U599xx STM32U599VJT6, STM32U599NJH6Q, STM32U599BJY6QTR, STM32U599ZJY6QTR, STM32U599ZJT6Q, STM32U599VJT6Q, STM32U599NIH6Q, STM32U599ZIY6QTR, STM32U599ZIT6Q, STM32U599VIT6Q STM32U5A5xx STM32U5A5AJH6, STM32U5A5ZJT6, STM32U5A5QJI6, STM32U5A5VJT6, STM32U5A5RJT6, STM32U5A5AJH6Q, STM32U5A5ZJY6QTR, STM32U5A5ZJT6Q, STM32U5A5QJI6Q, STM32U5A5VJT6Q, STM32U5A5RJT6Q, STM32U5A5QII3Q STM32U5A9xx STM32U5A9NJH6Q, STM32U5A9BJY6QTR, STM32U5A9ZJY6QTR, STM32U5A9ZJT6Q, STM32U5A9VJT6Q STM32U5F7xx STM32U5F7VJT6Q, STM32U5F7VJT6, STM32U5F7VIT6Q, STM32U5F7VIT6 STM32U5G7xx STM32U5G7VJT6Q, STM32U5G7VJT6 STM32U5F9xx STM32U5F9NJH6Q, STM32U5F9BJY6QTR, STM32U5F9ZJJ6QTR, STM32U5F9ZJT6Q, STM32U5F9VJT6Q, STM32U5F9ZIJ6QTR, STM32U5F9ZIT6Q, STM32U5F9VIT6Q STM32U5G9xx STM32U5G9NJH6Q, STM32U5G9BJY6QTR, STM32U5G9ZJJ6QTR, STM32U5G9ZJT6Q, STM32U5G9VJT6Q UM2883 STM32CubeU5 MCU package overview UM2883 - Rev 4 page 9/30 |