công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD8488KBCZ bảng dữ liệu(PDF) 10 Page - Analog Devices

tên linh kiện AD8488KBCZ
Giải thích chi tiết về linh kiện  Digital X-Ray Analog Front End
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD8488KBCZ bảng dữ liệu(HTML) 10 Page - Analog Devices

Back Button AD8488KBCZ Datasheet HTML 6Page - Analog Devices AD8488KBCZ Datasheet HTML 7Page - Analog Devices AD8488KBCZ Datasheet HTML 8Page - Analog Devices AD8488KBCZ Datasheet HTML 9Page - Analog Devices AD8488KBCZ Datasheet HTML 10Page - Analog Devices AD8488KBCZ Datasheet HTML 11Page - Analog Devices AD8488KBCZ Datasheet HTML 12Page - Analog Devices AD8488KBCZ Datasheet HTML 13Page - Analog Devices AD8488KBCZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
AD8488
Data Sheet
Rev. A | Page 10 of 20
Table 7. 255-Ball CSP_BGA Ball Assignment (Alphabetically by Signal)
Signal
Ball
AGND
E5
AGND
E6
AGND
E7
AGND
E8
AGND
E9
AGND
F5
AGND
G5
AGND
G7
AGND
G8
AGND
G9
AGND
G10
AGND
H5
AGND
H7
AGND
H8
AGND
H9
AGND
H10
AGND
J5
AGND
J7
AGND
J8
AGND
J9
AGND
J10
AGND
K5
AGND
K7
AGND
K8
AGND
K9
AGND
K10
AGND
L5
AGND
L7
AGND
M5
AGND
M6
AGND
M7
AGND
M8
AGND
M9
AGND
M10
AGND
M11
AVDD
F6
AVDD
F7
AVDD
F8
AVDD
F9
AVDD
F10
AVDD
G6
AVDD
G11
AVDD
H6
AVDD
H11
Signal
Ball
AVDD
H12
AVDD
J6
AVDD
J11
AVDD
K6
AVDD
K11
AVDD
L6
AVDD
L8
AVDD
L9
AVDD
L10
AVDD
L11
CLK
D15
CK_ENa
E14
CK_ENb
F14
CS_A
N14
CS_B
M15
CF1SEL0
C15
CF1SEL1
B15
DGND
F16
DGND
G15
DGND
G16
DGND
H15
DGND
H16
DGND
J15
DGND
J16
DGND
K15
DGND
K16
DGND
L16
DVDD
B16
DVDD
C16
DVDD
D16
DVDD
E16
DVDD
F15
DVDD
L15
DVDD
M16
DVDD
N16
DVDD
P16
DVDD
R16
FSEL0
R14
FSEL1
T14
GRST
H14
GNSEL0
D14
GNSEL1
C14
GNSEL2
B14
GNSEL3
A14
Signal
Ball
HOLD
T16
IN0
N11
IN1
P11
IN2
T11
IN3
T12
IN4
T10
IN5
R11
IN6
R12
IN7
P12
IN8
T4
IN9
N12
IN10
T9
IN11
R10
IN12
P10
IN13
T8
IN14
P9
IN15
R9
IN16
T5
IN17
T3
IN18
T2
IN19
T1
IN20
T6
IN21
T7
IN22
R8
IN23
R7
IN24
P8
IN25
R1
IN26
R2
IN27
R3
IN28
R4
IN29
R5
IN30
R6
IN31
P1
IN32
N8
IN33
N10
IN34
P7
IN35
P6
IN36
P5
IN37
P3
IN38
P4
IN39
P2
IN40
N9
IN41
N1
IN42
N6
Signal
Ball
IN43
N5
IN44
N4
IN45
N3
IN46
N2
IN47
M1
IN48
M4
IN49
M3
IN50
M2
IN51
N7
IN52
L4
IN53
L3
IN54
L2
IN55
L1
IN56
K4
IN57
K3
IN58
K2
IN59
K1
IN60
J4
IN61
J3
IN62
J2
IN63
J1
IN64
H4
IN65
H3
IN66
H2
IN67
H1
IN68
E3
IN69
E2
IN70
G4
IN71
G3
IN72
G2
IN73
G1
IN74
C8
IN75
E1
IN76
F4
IN77
F3
IN78
F2
IN79
F1
IN80
A5
IN81
C7
IN82
E4
IN83
D8
IN84
A6
IN85
D7
IN86
D6
Signal
Ball
IN87
D5
IN88
D4
IN89
D3
IN90
D2
IN91
D1
IN92
C6
IN93
C5
IN94
C4
IN95
C3
IN96
C2
IN97
C1
IN98
B6
IN99
B5
IN100
B4
IN101
B3
IN102
B2
IN103
B1
IN104
B8
IN105
B7
IN106
A4
IN107
A3
IN108
A2
IN109
D10
IN110
A7
IN111
A8
IN112
A9
IN113
B9
IN114
C9
IN115
A10
IN116
B10
IN117
C10
IN118
D9
IN119
A11
IN120
B11
IN121
C11
IN122
E11
IN123
D11
IN124
A12
IN125
B12
IN126
D12
IN127
C12
IRST
E15
NC
A13
NC
A15
Signal
Ball
NC
B13
NC
C13
NC
D13
NC
E10
NC
E12
NC
E13
NC
F11
NC
F13
NC
G13
NC
H13
NC
J12
NC
J13
NC
K13
NC
L13
NC
M12
NC
M13
NC
N13
NC
P13
NC
R13
NC
T13
OUTLOW F12
OUTHIGH G12
PWR
P14
RST
A16
TST_MODE J14
TST0
T15
TST1
R15
TST2
P15
TST3
N15
TST4
M14
TST5
L14
TST6
K14
VREF
L12
VREF_ESD K12
WR
G14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20