công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TA7289F/FG bảng dữ liệu(PDF) 5 Page - Toshiba Semiconductor

tên linh kiện TA7289F/FG
Giải thích chi tiết về linh kiện  PWM STEPPING MOTOR DRIVER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TOSHIBA [Toshiba Semiconductor]
Trang chủ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA7289F/FG bảng dữ liệu(HTML) 5 Page - Toshiba Semiconductor

  TA7289F/FG Datasheet HTML 1Page - Toshiba Semiconductor TA7289F/FG Datasheet HTML 2Page - Toshiba Semiconductor TA7289F/FG Datasheet HTML 3Page - Toshiba Semiconductor TA7289F/FG Datasheet HTML 4Page - Toshiba Semiconductor TA7289F/FG Datasheet HTML 5Page - Toshiba Semiconductor TA7289F/FG Datasheet HTML 6Page - Toshiba Semiconductor TA7289F/FG Datasheet HTML 7Page - Toshiba Semiconductor TA7289F/FG Datasheet HTML 8Page - Toshiba Semiconductor TA7289F/FG Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
TA7289P/F/FG
2006-3-2
5
Sawtooth OSC circuit consists of Q1 through Q4 and R1 through R3.
R1 and R2 are voltage divider of 5 V build−in regulator.
Q1 is turned “off” when V4 is less than the voltage of 2.5 V + VBE Q4 + VBE Q3 approximately equal to 3.8 V. V4
is increased by C1 charging of I4. Q1 and Q2 are turned “ON” when V4 becomes V4 − H level.
Lower level of V4 (V4 − L) is equal to VBE Q4 + VBE Q3 + VSAT Q1 approximately equal to 1.5 V.
V4 is calculated by following equation.
V4 = 5·(1 − e −
3
1·R
C
1
·t) .................................................(1)
Assuming that V4 = 1.5 V (t = t1) and=3.8 V (t = t2).
C1 is external capacitance connected to Pin (4) (or (5)) and R3 is on−chip 20 kΩ resistor.
Therefore, OSC frequency is calculated as follows.
t1 = −C1·R3·1n (1 −
5
1.5
) ................................................(2)
t2 = −C1·R3·1n (1 −
5
3.8
)................................................(3)
fOSC =
2
1 t
t
1
−
))
5
3.8
(1
·1n
R
)
5
1.5
(1
·1n
R
(
·
C
1
3
3
1
−
−
−
=
=
F)
is
C
of
(Unit
(kHz)
C
21.4
1
1
1
µ
ABSOLUTE MAXIMUM RATINGS (Ta = 25°C)
CHARACTERISTIC
SYMBOL
RATING
UNIT
VCC
30
Supply Voltage
Vref
30
VIN
7
Reference Voltage
VI
2
V
TA7289P
1.5
TA7289F/FG
IO (MAX.)
0.8
TA7289P
0.7
Output Current
TA7289F/FG
IO (AVE.)
0.3
A
TA7289P
2.3
Power Dissipation
TA7289F/FG
PD (Note)
1.0
W
Operating Temperature
Topr
−30~85
°C
Storage Temperature
Tstg
−55~150
°C
Note:
NO HEAT SINK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com