| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
T6LE2 bảng dữ liệu(PDF) 5 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
T6LE2 bảng dữ liệu(HTML) 5 Page - Toshiba Semiconductor |
|
5 / 12 page ![]() T6LE2 2006-09-20 5 Pin Name I/O Function MODE1 MODE2 I Output channels select pins This signal selects 300 / 263 / 256-pin mode for the LCD panel driver. MODE1 MODE2 LCD drive output pins Non-output pins H H 300-out ⎯ H L 263-out G133 to G169 (VEE level ) L H 256-out G129 to G172 (VEE level ) L L ⎯ XDON I Display-ON input pin When XDON = low, the VGG voltage is output all output pins irrespective of the shift data and the content of input data. After, the contents of the shift registers becomes unfixed the data. XON operates asynchronously with CPV. This pin is pulled-up to the VDD. Since all LCD drive outputs output (G1 to G300) the VGG level, much current may generate them momentarily. When 263 / 256-pin mode, unapplied LCD panel drive pins fixed VEE. The voltage applied to this pin must be a DC-level voltage that is either high (VDD) or low (VSS). G1 to G300 O LCD panel drive pins These pins output the shift register data or the voltage of VGG or VEE depending on the control signals OE and XDON. VGG ⎯ Power supply for LCD drive VEE ⎯ Power supply for LCD drive VDD ⎯ Power supply for the internal logic The (VDD) is the MODE1, MODE2 and U/D pin for connection. VSS ⎯ Power supply for the internal logic The (VSS) is the MODE1, MODE2 and U/D pin for connection. |