| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STV7622BMP bảng dữ liệu(PDF) 15 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STV7622BMP bảng dữ liệu(HTML) 15 Page - STMicroelectronics |
|
15 / 32 page ![]() STV7622 Truth tables 15/32 Table 8. Truth table for power outputs Qn (1) /STB1 /STB2 (2) BS1 BS2 /BLK POC Driver output Note Comments X X X X X L X all L Output at Low level X X X X X H L all H Output at High level X H X L L H H Qn (3) Data latched X H L L H H H Qn (4) Data latched X H X H L H H Qn (5) Data latched (RSDS) X H X H H H H Qn (6) Data latched L L X L L H H L (3) Data copied H L X L L H H H (3) Data copied L L H L H H H L (4) Data copied (RSDS) H L H L H H H H (4) Data copied (RSDS) L L X H L H H L (5) Data copied H L X H L H H H (5) Data copied L L X H H H H L (6) Data copied H L X H H H H H (6) Data copied 1. Qn is the state of the shift register output (Figure 2). “X” means either High or Low (H or L). 2. /STB2 is not used in LVCMOS operating mode and can be left “open” or “floating”. 3. Qn + 1 = DB1, Qn + 2 = DB2, Qn + 3 = DB3, Qn + 4 = DB4, Qn + 5 = DB5, Qn + 6 = DB6; n = {0, 6, 12, 18, …186}. 4. RSDS mode: Qn + 1 = DB1, Qn + 1 = DB2, Qn + 2 = DB3, Qn + 2 = DB4, Qn + 3 = DB5, Qn + 3 = DB6; n = {0, 6, 12, 18, …186}. 5. Qn + 1 = DB1, Qn + 2 = DB2, Qn + 3 = DB3; n = {0, 3, 6, 9, …186, 189}. 6. Qn + 1 = DB1, Qn + 2 = DB2, Qn + 3 = DB3, Qn + 97 = DB4, Qn + 98 = DB5, Qn + 99 = DB6; n = {0, 3, 6, 9, …186, 189}. |