công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HU2V331MT bảng dữ liệu(PDF) 10 Page - DB Lectro Inc

tên linh kiện HU2V331MT
Giải thích chi tiết về linh kiện  CHIP TYPE, MID-TO-HIGH VOLTAGE
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  DBLECTRO [DB Lectro Inc]
Trang chủ  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

HU2V331MT bảng dữ liệu(HTML) 10 Page - DB Lectro Inc

Back Button HU2V331MT Datasheet HTML 5Page - DB Lectro Inc HU2V331MT Datasheet HTML 6Page - DB Lectro Inc HU2V331MT Datasheet HTML 7Page - DB Lectro Inc HU2V331MT Datasheet HTML 8Page - DB Lectro Inc HU2V331MT Datasheet HTML 9Page - DB Lectro Inc HU2V331MT Datasheet HTML 10Page - DB Lectro Inc HU2V331MT Datasheet HTML 11Page - DB Lectro Inc HU2V331MT Datasheet HTML 12Page - DB Lectro Inc HU2V331MT Datasheet HTML 13Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
LEAD FREE REFLOW SOLDERING CONDITION
(Applicable to Chip Type Aluminum Electrolytic Capacitors)
Recommended Conditions for Reflow Soldering
(1) A thermal condition system such as infrared radiation (IR) or hot blast should be adopted, and
vapor heat transfer systems (VPS) are not recommended.
(2) Reflow soldering should be performed one time. If the capacitor has to be reflowed twice, 30
minutes must be layout between each time.
(3) For lead-free type reflow soldering, please observe proper conditions below:
a) The time of preheating from 150°C to 200°C shall be within maximum 180 seconds;
b) The time of soldering temperature at 217°C measured on capacitors' top shall not exceed
tL (second);
c) The peak temperature on capacitors' top shall not exceed Tp(°C), and the time within 5°C
of actual peak temperature shall not exceed tp (second).
Classification Reflow Profile
*1. Average ramp-up rate is 3
/second max.
*2. Ramp-down rate is 6
/second max.
*3. Time from 25
to peak temperature is 8 minutes max.
tp
20 0
25
21 7
Tp
15 0
t L
25 t o Peak * 3
Ramp-down
Ramp-up *1
*2
P reheat 180 s ec Max
Ti m e
Critical Zone
217t oTp
Allowable Range of Peak Temperature
Size
Thickness (mm)
Volume (mm
3)
Tp(°C)
tL (second)
tp (second)
4~ 6.3,
8 6.2L
2.5
<350
250±0
90
5
8 10.5L
2.5
350~2000
240±0
90
5
10 10.5L/13.5L
2.5
350~2000
235±0
60
5
12.5,
16
2.5
>2000
230±0
30 (20*)
5
Re: (20*) is special for mid-to-high voltage which is HU series.
Recommended Land Size (Unit: mm)
Size
ab
c
4
1.6
2.6
1.6
5
1.6
3.0
1.6
6.3
1.6
3.5
1.6
8×6.2L
2.1
4.5
1.6
8×10.5L
3.0
3.5
2.5
10
4.0
4.0
2.5
12.5
4.0
5.7
3.0
16×16.5/21.5
6.0
6.5
3.5
DB LECTRO Inc. 3755 Place Java, Suite 140, Brossard, Québec, J4Y 0E4, Canada - T: 1-450-444-1424 / F: 1-450-444-4714 / www.dblectro.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com