| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TMP86CS25ADFG bảng dữ liệu(PDF) 22 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMP86CS25ADFG bảng dữ liệu(HTML) 22 Page - Toshiba Semiconductor |
|
22 / 194 page ![]() Page 12 2. Operational Description 2.2 System Clock Controller TMP86CS25ADFG 2.2.2 Timing Generator The timing generator generates the various system clocks supplied to the CPU core and peripheral hardware from the basic clock (fc or fs). The timing generator provides the following functions. 1. Generation of main system clock 2. Generation of divider output (DVO) pulses 3. Generation of source clocks for time base timer 4. Generation of source clocks for watchdog timer 5. Generation of internal source clocks for timer/counters 6. Generation of warm-up clocks for releasing STOP mode 7. LCD 2.2.2.1 Configuration of timing generator The timing generator consists of a 2-stage prescaler, a 21-stage divider, a main system clock generator, and machine cycle counters. An input clock to the 7th stage of the divider depends on the operating mode, SYSCR2<SYSCK> and TBTCR<DV7CK>, that is shown in Figure 2-4. As reset and STOP mode started/canceled, the prescaler and the divider are cleared to “0”. Figure 2-4 Configuration of Timing Generator Multi- plexer High-frequency clock fc Low-frequency clock fs Divider SYSCK fc/4 fc or fs Machine cycle counters Main system clock generator 1 2 1 4 3 2 8 7 10 9 12 11 14 13 16 15 DV7CK Multiplexer Warm-up controller Watchdog timer A S B Y S B0 A0 Y0 B1 A1 Y1 5 6 17 18 19 20 21 Timer counter, Serial interface, Time-base-timer, divider output, etc. (Peripheral functions) |