công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMP86CS25ADFG bảng dữ liệu(PDF) 88 Page - Toshiba Semiconductor

tên linh kiện TMP86CS25ADFG
Giải thích chi tiết về linh kiện  8 Bit Microcontroller
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TOSHIBA [Toshiba Semiconductor]
Trang chủ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86CS25ADFG bảng dữ liệu(HTML) 88 Page - Toshiba Semiconductor

Back Button TMP86CS25ADFG Datasheet HTML 84Page - Toshiba Semiconductor TMP86CS25ADFG Datasheet HTML 85Page - Toshiba Semiconductor TMP86CS25ADFG Datasheet HTML 86Page - Toshiba Semiconductor TMP86CS25ADFG Datasheet HTML 87Page - Toshiba Semiconductor TMP86CS25ADFG Datasheet HTML 88Page - Toshiba Semiconductor TMP86CS25ADFG Datasheet HTML 89Page - Toshiba Semiconductor TMP86CS25ADFG Datasheet HTML 90Page - Toshiba Semiconductor TMP86CS25ADFG Datasheet HTML 91Page - Toshiba Semiconductor TMP86CS25ADFG Datasheet HTML 92Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 194 page
background image
Page 78
8. 18-Bit Timer/Counter (TC1)
8.3 Function
TMP86CS25ADFG
Figure 8-1 Timing chart for timer mode
8.3.2 Event Counter mode
It is a mode to count up at the falling edge of the ECIN pin input. When using this mode, set
TC1CR1<TC1CK> to the external clock.
The countents of TREG1A are compared with the contents of up-counter. If a match is found, an INTTC1
interrupt is generated, and the counter is cleared. Counting up resumes for ECIN pin input edge each after the
counter is cleared.
The maximum applied frequency is fc/24 [Hz] in NORMAL 1/2 or IDLE 1/2 mode and fs/24[Hz] in SLOW
or SLEEP mode . Two or more machine cycles are required for both the “H” and “L” levels of the pulse width.
Figure 8-2 Event counter mode timing chart
1
0
2
3
4
n 0
1
n-1
2
3
4
5
6
n
TREG1A
Internal clock
Up counter
Command Start
Match detect
Counter clear
INTTC1 interrupt
1
0
2
2
n-1
n
0
1
n
TREG1A
ECIN pin input
Up counter
Start
Match Detect
Counter clear
INTTC1 interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com