| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TMP88CS42FG bảng dữ liệu(PDF) 102 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMP88CS42FG bảng dữ liệu(HTML) 102 Page - Toshiba Semiconductor |
|
102 / 216 page ![]() Page 92 9. 16-Bit Timer (CTC) 9.2 Control TMP88CS42FG Detail operation at start that varies depending on how CTC1CR2<CTC1FF0> and CTC1CR1<PPGFF0> are set during PPG output. By changing the port-shared output for PPG output before the counter starts counting after setting CTC1CR2<CTC1FF0>, it is possible to determine the initial value of PPG output. Table 9-4 Varying PPG Output Timing Depending on Settings CTC1FF0 = 0 PPGFF0 = 0 CTC1FF0 = 1 PPGFF0 = 0 CTC1FF0 = 0 PPGFF0 = 1 CTC1FF0 = 1 PPGFF0 = 1 1 0 2 n n+1 n+3 n+2 3 Internal clock Counter PPG output CTC1FF0 setting (write to CTC1CR1 Register) Command start or trigger start 1 0 2 n n + 1 n + 3 n + 2 3 Internal clock Counter PPG output CTC1FF0 setting (write to CTC1CR1 Register) Command start or trigger start 1 0 2 n n + 1 n + 3 n + 2 3 Internal clock Counter PPG output CTC1FF0 setting (write to CTC1CR1 Register) Command start or trigger start 1 0 2 n n + 1 n + 3 n + 2 3 Internal clock Counter PPG output CTC1FF0 setting (write to CTC1CR1 Register) Command start or trigger start |