công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

356C bảng dữ liệu(PDF) 1 Page - Automatic Timing & Controls, Inc.

tên linh kiện 356C
Giải thích chi tiết về linh kiện  Shawnee II Digital Counter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ATC [Automatic Timing & Controls, Inc.]
Trang chủ  https://atcdiversified.com/
Logo ATC - Automatic Timing & Controls, Inc.

356C bảng dữ liệu(HTML) 1 Page - Automatic Timing & Controls, Inc.

  356C Datasheet HTML 1Page - Automatic Timing & Controls, Inc. 356C Datasheet HTML 2Page - Automatic Timing & Controls, Inc. 356C Datasheet HTML 3Page - Automatic Timing & Controls, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
131
Automatic Timing & Controls
800.727.5646
atcdiversified.com
Shawnee II Digital Counter
A compact version of the 336 counter, the ATC 356 is its exact func-
tional duplicate. Packaged in a 72mm2 DIN-size housing, it occupies
40% less panel space and costs proportionately less. Modern pro-
duction and assembly techniques have all but eliminated hand wiring,
enhancing the reliability and life expectancy of the 356.
FAST, ACCURATE AND BOUNCE-PROOF: The repeat accuracy of the
356 is 100%. It maintains full accuracy even at pulse rates up to
4,000/minute, even with pulses that are as brief as 1 millisecond, and
even in the face of severe contact bounce, which it ignores by virtue
of an extremely effective anti-bounce circuit.
EASY TO SET AT ALL TIMES: The Shawnee counter is easily and
accurately set even with work gloves on. Push any of its four toggle
levers in any sequence until the number you want appears above it.
You can decrease as well as increase each number by pushing the
levers up or down. You can change the setting at any time, even dur-
ing a cycle.
PLUG-IN AND DUST-TIGHT: All 356 counters feature true plug-in
design and can be replaced in seconds without disturbing the housing
or disconnecting the wiring. The dial assembly is gasketed so that the
counter body is dust-tight from the front of panel.
CYCLE PROGRESS INDICATION: The Shawnee 356 indicating counter
provides cycle progress indication on the four-digit display located
immediately above the digital setting number wheels. When the
counter is in the reset condition, the VFD display is blank. During
the cycle, the display counts up from 0, thus always indicating the
number of counts that have elapsed since the start of cycle. At count-
out, the display shows the total elapsed count and thus equals the
numbers on the digital setting wheels.
COMPUTER-TESTED RELIABILITY: The solid-state 356 is manufac-
tured from a series of computer-tested plug-in circuit boards and as-
sembled virtually without hand wiring. Because it has no moving parts
in its logic circuits, its life expectancy is practically unlimited. Even the
load relay – the 356’s only significant mechanical component – has a
life expectancy of 10,000,000 operations (no load). As a result the
356 achieves an overall reliability that surpasses even that achieved
by previous Shawnee counters.
NOISE IMMUNITY: The 356 does not have to be shielded: its trans-
former power supply, full-wave bridges, buffered logic and other
design characteristics render it immune to the electrical noise that is
sometimes encountered in industrial environments thus eliminating
false starts and reset due to voltage spikes.
The 356C Directly Replaces 356B & 356A.
MODEL NUMBER
356C
30 P
RANGE
9,999 Counts
350
99,990 Counts (units digit blind)
353
Special
000
VOLTAGE & FREQUENCY
120 VAC 50-60 Hz
Q
240 VAC, 50-60 Hz
R
ARRANGEMENT
With Display (On-Delay)
30
FEATURES
Basic plug-in unit
P
Standard unit
X
Special
K
ACCESSORIES
Surface mounting bracket kit
0353-260-27-00
Retrofit kit
0305-265-61-70
MODEL NUMBER
SAVE 40% IN PANEL SPACE AND COST: Packaged in a 72mm2 DIN-
size housing, the 356 occupies 40% less panel space than previous IC
timers. Modern production and assembly techniques have substantially
reduced manufacturing costs resulted in a 45% cost saving.
LOW INVENTORY COSTS: Each Shawnee 356 covers the active count
range of 1 to 9,999, easily satisfying the vast majority of industrial
requirements and thus greatly reducing inventory.
DIMENSIONS (INCHES/MILLIMETERS)
E48329
Automatic Timing & Controls
800.727.5646
atcdiversified.com


Số phần tương tự - 356C

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Littelfuse
356 LITTELFUSE-356 Datasheet
71Kb / 2P
MINIATURE FUSES - 6.3x32 mm
logo
3M Electronics
356 3M-356 Datasheet
1Mb / 4P
3M™ Power Clamp Header
20-Dec-2009
logo
Intel Corporation
356 INTEL-356 Datasheet
2Mb / 95P
Celeron D Processor
logo
SYC Electronica
356 SYC-356 Datasheet
461Kb / 4P
JFET-Input Operational Amplifiers Low Supply Current(LF155) High Speed(LF156)
logo
Littelfuse
356 LITTELFUSE-356 Datasheet
258Kb / 4P
FUSE HOLDER SELECTION GUIDE
More results

Mô tả tương tự - 356C

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Omron Electronics LLC
H7CR OMRON-H7CR Datasheet
529Kb / 26P
Digital Counter
logo
List of Unclassifed Man...
FKC01C924 ETC2-FKC01C924 Datasheet
125Kb / 5P
48x48 digital preset counter
logo
SELEC Controls Pvt. Ltd
XC10D SELEC-XC10D Datasheet
133Kb / 1P
Digital LCD Counter
XC410 SELEC-XC410 Datasheet
372Kb / 1P
Digital LCD Counter
logo
FOTEK CONTROLS CO., LTD...
H5C-4D FOTEK-H5C-4D Datasheet
145Kb / 1P
DIN 48X48 PRESET DIGITAL COUNTER
HC-4T FOTEK-HC-4T Datasheet
1Mb / 4P
DIN 72X72 Digital Counter
MC50-4D FOTEK-MC50-4D Datasheet
1Mb / 3P
Digital counter
SC-2D FOTEK-SC-2D Datasheet
125Kb / 1P
PRESET DIGITAL COUNTER
logo
Good Will Instrument Co...
GFC-8010H GWINSTEK-GFC-8010H Datasheet
486Kb / 1P
DIGITAL FREQUENCY COUNTER
logo
Omron Electronics LLC
H7CC OMRON-H7CC Datasheet
15Mb / 66P
Digital Counter/Tachometer
More results


Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com