công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

356C bảng dữ liệu(PDF) 2 Page - Automatic Timing & Controls, Inc.

tên linh kiện 356C
Giải thích chi tiết về linh kiện  Shawnee II Digital Counter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ATC [Automatic Timing & Controls, Inc.]
Trang chủ  https://atcdiversified.com/
Logo ATC - Automatic Timing & Controls, Inc.

356C bảng dữ liệu(HTML) 2 Page - Automatic Timing & Controls, Inc.

  356C Datasheet HTML 1Page - Automatic Timing & Controls, Inc. 356C Datasheet HTML 2Page - Automatic Timing & Controls, Inc. 356C Datasheet HTML 3Page - Automatic Timing & Controls, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
132
OPERATION
WIRING
SPECIFICATIONS
The Shawnee 356 operates on a digital logic circuit with three main
elements: a pulse circuit; a read-only-memory (ROM) whose output is
set by the counter’s digital setting number wheels; and a comparator
that continuously examines the outputs of the pulse circuit and ROM.
When power is applied (start signal on), two things happen simulta-
neously; the instantaneous DPDT relay is energized transferring both
sets of contacts, and the pulse circuit begins to count each input
pulse whose duration is at least 1 millisecond. The pulse circuit accu-
mulates the count and feeds the total continuously to the comparator.
When pulse circuit output exactly equals the output of the ROM, the
comparator causes the 356 to count out.
At this point, (1) the DPDT delay relay is energized, immediately
transferring both sets of contacts and (2) the pulse circuit turns itself
off automatically. Since the pulse circuit stops counting even if the
start signal remains on, it is not necessary to tie up one of the 356’s
delayed contacts to do this job.
To reset the 356, power must be removed from terminal 1 (L1) for 75
milliseconds or more. The 356 operates in the on-delay mode only,
always resetting whenever there is a power outage and starting a new
cycle when power is restored.
RANGE
1 to 9999 counts or 10 to 99,990, presettable
in 10 count increments.
COUNT INPUT
2300/MIN with 1:1 on-off time
4000/MIN with 1 mSEC on: 13 mSEC off
500/MIN with 20 mSEC on and 100 mSEC off
Wired for count and repeat operation
Min. Pulse ON Time: 1 mSEC
Min. Pulse OFF Time: 13 mSEC
Ready-To-Count
10 mSEC after application of
Time
power to terminals 1 and 2
Bounce Immunity 6 mSEC
(max. bounce open time)
Pulse Contact Req. 30mA (at line voltage)
CYCLE PROGRESS 4 digit, 0.3 inch, high intensity, blue display.
INDICATOR
REPEAT
100%
ACCURACY
RESET TIME
75 mSEC minimum
MINIMUM
1 count
SETTING
COUNT
Single Cycle
interval or delayed
CONTROL MODES Repeat Cycle
pulses
LOAD RELAYS
Number
two, one instantaneous and one
delayed; both plug-in, DPDT
Operate Time
20 mSEC max.
Release Time
instantaneous –20 mSEC, max.
delayed–75 mSEC, max.
Contact Rating
5A at 120 VAC.
2A at 240 VAC,
0.1A at 125 VDC
Life
100 million operations (no load.)
TEMPERATURE
32° to 140°F (0° to 60°C)
RATING
POWER
120V
95-132V at 50 or 60 Hz
REQUIREMENTS
inrush -0.4A
running —0.08A
240V
190-264V at 50 or 60Hz
inrush - 0.2A
running—0.04A
TERMINALS
16 screw terminals accessible at rear; integral wiring
diagram on housing.
HOUSING
Plug-in design; completely gasketed, dust-tight when
panel-mounted.
MOUNTING
Standard
Hardware is provided to mount
ACCESSORIES
timer so that it is dust-tight
See Accessory
from front of panel.
section of catalog
Optional
Surface mounting without and
with front-facing terminals.
WEIGHT
NET: 1 lb., 7 oz.
SHIPPING: 2 lbs
TERMINAL WIRING:
INDICATING MODEL
Switching Sequence*
RELAY
CONTACTS
Before
During
End of
Start
Timing
Cycle
Instantaneous 14-9/6-8
14-10/6-7
Delayed (D2)
11-12/4-5
11-13/4-3
*Assumes a sustained closed start signal (i.e. longer than
the setting on the digital display)
BLACK– CIRCUIT CLOSED
GRAY– CIRCUIT OPEN
Automatic Timing & Controls
800.727.5646
atcdiversified.com
Automatic Timing & Controls
800.727.5646
atcdiversified.com



Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com