công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMP91C025FG bảng dữ liệu(PDF) 21 Page - Toshiba Semiconductor

tên linh kiện TMP91C025FG
Giải thích chi tiết về linh kiện  Original CMOS 16-Bit Microcontroller
PDF  260 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TOSHIBA [Toshiba Semiconductor]
Trang chủ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP91C025FG bảng dữ liệu(HTML) 21 Page - Toshiba Semiconductor

Back Button TMP91C025FG Datasheet HTML 17Page - Toshiba Semiconductor TMP91C025FG Datasheet HTML 18Page - Toshiba Semiconductor TMP91C025FG Datasheet HTML 19Page - Toshiba Semiconductor TMP91C025FG Datasheet HTML 20Page - Toshiba Semiconductor TMP91C025FG Datasheet HTML 21Page - Toshiba Semiconductor TMP91C025FG Datasheet HTML 22Page - Toshiba Semiconductor TMP91C025FG Datasheet HTML 23Page - Toshiba Semiconductor TMP91C025FG Datasheet HTML 24Page - Toshiba Semiconductor TMP91C025FG Datasheet HTML 25Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 260 page
background image
TMP91C025
2007-02-28
91C025-19
3.3.3
System Clock Controller
The system clock controller generates the system clock signal (fSYS) for the CPU core and
internal I/O. It contains two oscillation circuits and a clock gear circuit for high-frequency
(fc) operation. The register SYSCR1<SYSCK> changes the system clock to either fc or fs,
SYSCR0<XEN> and SYSCR0<XTEN> control enabling and disabling of each oscillator,
and SYSCR1<GEAR0:2> sets the high-frequency clock gear to either 1, 2, 4, 8 or 16 (fc, fc/2,
fc/4, fc/8 or fc/16). These functions can reduce the power consumption of the equipment in
which the device is installed.
The combination of settings <XEN>
= 1, <XTEN> = 0, <SYSCK> = 0 and <GEAR0:2> =
100 will cause the system clock (fSYS) to be set to fc/32 (fc/16 × 1/2) after a reset.
For example, fSYS is set to 1.1 MHz when the 36 MHz oscillator is connected to the X1
and X2 pins.
(1) Switching from NORMAL mode to SLOW mode
When the resonator is connected to the X1 and X2 pins, or to the XT1 and XT2 pins,
the warm-up timer can be used to change the operation frequency after stable
oscillation has been attained.
The warm-up time can be selected using SYSCR2<WUPTM0:1>.
This warm-up timer can be programmed to start and stop as shown in the following
examples 1 and 2.
Table 3.3.1 shows the warm-up time.
Note 1: When using an oscillator (other than a resonator) with stable oscillation, a warm-up
timer is not needed.
Note 2: The warm-up timer is operated by an oscillation clock. Hence, there may be some
variation in warm-up time.
Table 3.3.1 Warm-up Times
Warm-up Time
SYSCR2
<WUPTM1:0>
Change to
NORMAL Mode
Change to
SLOW Mode
01 (2
8/frequency)
7.1 (
μs)
7.8 (ms)
10 (2
14/frequency)
0.455 (ms)
500 (ms)
11 (2
16/frequency)
1.820 (ms)
2000 (ms)
at fOSCH = 36 MHz,
fs
= 32.768 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com