công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMP91C025FG bảng dữ liệu(PDF) 77 Page - Toshiba Semiconductor

tên linh kiện TMP91C025FG
Giải thích chi tiết về linh kiện  Original CMOS 16-Bit Microcontroller
PDF  260 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TOSHIBA [Toshiba Semiconductor]
Trang chủ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP91C025FG bảng dữ liệu(HTML) 77 Page - Toshiba Semiconductor

Back Button TMP91C025FG Datasheet HTML 73Page - Toshiba Semiconductor TMP91C025FG Datasheet HTML 74Page - Toshiba Semiconductor TMP91C025FG Datasheet HTML 75Page - Toshiba Semiconductor TMP91C025FG Datasheet HTML 76Page - Toshiba Semiconductor TMP91C025FG Datasheet HTML 77Page - Toshiba Semiconductor TMP91C025FG Datasheet HTML 78Page - Toshiba Semiconductor TMP91C025FG Datasheet HTML 79Page - Toshiba Semiconductor TMP91C025FG Datasheet HTML 80Page - Toshiba Semiconductor TMP91C025FG Datasheet HTML 81Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 260 page
background image
TMP91C025
2007-02-28
91C025-75
3.5.10
Port C (PC0 to PC5)
Port C0 to C5 are 6-bit general-purpose I/O ports. Each bit can be set individually for
input or output. Resetting sets PC0 to PC5 to be an input ports. It also sets all bits of the
output latch register to 1.
In addition to functioning as general-purpose I/O port pins, PC0 to PC5 can also function
as the I/O for serial channels 0 and 1. A pin can be enabled for I/O by writing 1 to the
corresponding bit of the port C function register (PCFC).
Resetting resets all bits of the registers PCCR and PCFC to 0 and sets all pins to be input
ports .
(1) Port C0, C3 (TXD0/TXD1)
As well as functioning as I/O port pins, port C0 and C3 can also function as serial
channel TXD output pins. In case of use TXD0/TXD1, it is possible to logical invert by
setting the register PC<PC0, PC3>.
And port C0 to C3 have a programmable open drain function which can be controlled
by the register PCODE<ODEPC0, ODEPC3>.
Figure 3.5.23 Port C0 and C3
PCODE<ODEPC0, C3>
Open-drain
set possible
Selector
A
B
S
Selector
A
B
S
PC0 (TXD0)
PC3 (TXD1)
TXD0, TXD1
PC Read
Ditection control
(on bit basis)
PCCR write
Function control
(on bit basis)
PCFC write
S
Output latch
PC write
Reset
Logical invert



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com