| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TMPR3916 bảng dữ liệu(PDF) 178 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMPR3916 bảng dữ liệu(HTML) 178 Page - Toshiba Semiconductor |
|
178 / 225 page ![]() Chapter 10 Asynchronous Serial Interface (UART) Preliminary 10-3 8-bit data Start bit0 bit1 bit5 bit4 bit3 bit2 bit6 bit7 stop stop Start bit0 bit1 bit5 bit4 bit3 bit2 bit6 bit7 stop Start bit0 bit1 bit5 bit4 bit3 bit2 bit6 stop Start bit0 bit1 bit5 bit4 bit3 bit2 bit6 stop stop Start bit0 bit1 bit5 bit4 bit3 bit2 bit6 stop Parity stop Start bit0 bit1 bit5 bit4 bit3 bit2 bit6 stop Parity 7-bit data 1 2 3 4 5 6 7 8 9 10 11 12 Start bit0 bit1 bit5 bit4 bit3 bit2 bit6 bit7 stop Parity stop Start bit0 bit1 bit5 bit4 bit3 bit2 bit6 bit7 stop Parity 1 2 3 4 5 6 7 8 9 10 11 12 Figure 10.1.2 8 Bit and 7 Bit Data Format for Single Controller Mode, Data Formats are Shown for 1 and 2 Stop Bits, with and without Parity stop Start bit0 bit1 bit5 bit4 bit3 bit2 bit6 bit7 stop ‚v‚t‚ a Start bit0 bit1 bit5 bit4 bit3 bit2 bit6 bit7 stop ‚v‚t‚ a 1 2 3 4 5 6 7 8 9 10 11 12 7-bit data multi control system 8-bit data multi control system Start bit0 bit1 bit5 bit4 bit3 bit2 bit6 stop ‚v‚t‚ a stop Start bit0 bit1 bit5 bit4 bit3 bit2 bit6 stop ‚v‚t‚ a 1 2 3 4 5 6 7 8 9 10 11 12 WU B =Wake Up Bit 1: A ddress (ID )fram e 0: Data fram e Figure 10.1.3 Multi Controller Mode Transmission, 7 and 8 Bit Data Formats are Shown with 1 or 2 Stop Bits, Parity Check is not Available in Multi Controller Mode |