| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TMPR3916 bảng dữ liệu(PDF) 151 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMPR3916 bảng dữ liệu(HTML) 151 Page - Toshiba Semiconductor |
|
151 / 225 page ![]() Chapter 7 CAN Module (TXCAN) Preliminary 7-30 7.5 Handling of Message-Objects In the following sections, there are suggestions how to handle message objects. 7.5.1 Receiving Messages The following flowchart shows the handling of receive objects using receive interrupt IRQ0. Setup a mailbox for message reception Configure mailbox for reception: set MDn to '1' Setup mailbox identifier and IDE bit for standard or extended ID Enable mailbox: set MCn to '1' Enable interrupts: set MBIMn to '1' End of setup Receiving messages Wait for IRQ0 Check RMP or MBRIF to determine the mailbox with RMP set Read out the mailbox Clear RMPn, this clears also RML RMLn = 1 ? Read Out Mailbox again RMPn = 1 ? Clear MBRIF and return from interrupt service routine Yes No No Yes No Yes, Data has become inconsistent reading it out! New setup for the mailbox? Disable mailbox: set MCn to '0' Yes No Special user tasks ... Set LAME / GAME of the mailbox if necessary Setup LAM / GAM if necessary Clear RMPn, this clears also RML Figure 7.5.1 Receiving Objects Using IRQ0 It is also possible to use polling. In this case, the “waiting for IRQ0” in above flowchart must be replaced by polling RMP. Enabling interrupts and clearing MBRIF must be removed from the flow. |