| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TMPR3916 bảng dữ liệu(PDF) 113 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMPR3916 bảng dữ liệu(HTML) 113 Page - Toshiba Semiconductor |
|
113 / 225 page ![]() Chapter 5 TIMER Preliminary 5-4 TITR Bit 31 2726 252423 19181716 Name T1INT T0INT Bit 15 3210 Name TPRE Bit Name Function Reset Value R/W 31:27 Wired to zero 0R 26:24 T1INT Interval of Periodic Timer 1 For interval calculation see above formula 000 R/W 23:19 Wired to zero 0R 18:16 T0INT Interval of Periodic Timer 0 For interval calculation see above formula 000 R/W 15:3 Wired to zero 0R 2:0 TPRE Prescaler for Timer 0 and Timer 1 The following clock is used to provide the periodic timer: 000 = 1/2 system clock 001 = 1/4 system clock 010 = 1/8 system clock 011 = 1/16 system clock 100 = 1/32 system clock 101, 110, 111 = 1/64 system clock The prescaler bits read back as zero. 101 W |